Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409SI Datasheet (PDF) - IXYS Corporation

IXDN409SI Datasheet PDF - IXYS Corporation
Part # IXDN409SI
Download  IXDN409SI Download
File Size   259.34 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 9 Amp Low-Side Ultrafast MOSFET Driver

IXDN409SI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXDN409SI Datasheet PDF - IXYS Corporation

Part # IXDN409SI
Download  IXDN409SI Click to download

File Size   259.34 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 9 Amp Low-Side Ultrafast MOSFET Driver

IXDN409SI Datasheet (HTML) - IXYS Corporation


IXDN409SI Product details

General Description
The IXDD409/IXDI409/IXDN409 are high speed high current gate drivers specifically designed to drive the largest MOSFETs and IGBTs to their minimum switching time and maximum practical frequency limits. The IXDD409/IXDI409/IXDN409 can source and sink 9A of peak current while producing voltage rise and fall times of less than 30ns. The input of the drivers are compatible with TTL or CMOS and are fully immune to latch up over the entire operating range. Designed with small internal delays, cross conduction/current shoot-through is virtually eliminated in the IXDD409/IXDI409/IXDN409. Their features and wide safety margin in operating voltage and power make the drivers unmatched in performance and value.

Features
• Built using the advantages and compatibility
   of CMOS and IXYS HDMOS™ processes.
• Latch Up Protected
• High Peak Output Current: 9A Peak
• Operates from 4.5V to 25V
• Ability to Disable Output under Faults
• High Capacitive Load
   Drive Capability: 2500pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current

Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Limiting di/dt under Short Circuit
• Class D Switching Amplifiers




Similar Part No. - IXDN409SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Similar Description - IXDN409SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com