Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409SI Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDN409SI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN409SI Datasheet(HTML) 5 Page - IXYS Corporation

  IXDN409SI Datasheet HTML 1Page - IXYS Corporation IXDN409SI Datasheet HTML 2Page - IXYS Corporation IXDN409SI Datasheet HTML 3Page - IXYS Corporation IXDN409SI Datasheet HTML 4Page - IXYS Corporation IXDN409SI Datasheet HTML 5Page - IXYS Corporation IXDN409SI Datasheet HTML 6Page - IXYS Corporation IXDN409SI Datasheet HTML 7Page - IXYS Corporation IXDN409SI Datasheet HTML 8Page - IXYS Corporation IXDN409SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
Fig. 9
Fig. 10
Fig. 11
Fig. 12
Fig. 13
Fig. 14
SupplyCurrent vs. LoadCapacitance
Vcc=18V
0.1
1
10
100
1000
1000
10000
LoadCapacitance(pF)
10kHz
50kHz
1MHz
2MHz
100kHz
500kHz
SupplyCurrent vs. LoadCapacitance
Vcc=12V
0.1
1
10
100
1000
1000
10000
LoadCapacitance(pF)
10kHz
50kHz
100kHz
1MHz
2MHz
500kHz
SupplyCurrent vs. LoadCapacitance
Vcc=8V
0.1
1
10
100
1000
1000
10000
LoadCapacitance (pF)
10kHz
50kHz
100kHz
500kHz
1MHz
2MHz
S upply C urrent vs. F requency
V cc = 18V
0.1
1
10
100
1000
110
100
1000
Frequenc y (kHz )
1350 pF
2700 pF
5400 pF
8100 pF
10800 pF
SupplyCurrent vs. Frequency
Vcc =12V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1350pF
2700pF
5400pF
8100pF
10800pF
SupplyCurrent vs. Frequency
Vcc =8V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (kHz)
1350pF
2700pF
5400pF
8100pF
10800pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com