Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409SI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDN409SI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN409SI Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDN409SI Datasheet HTML 2Page - IXYS Corporation IXDN409SI Datasheet HTML 3Page - IXYS Corporation IXDN409SI Datasheet HTML 4Page - IXYS Corporation IXDN409SI Datasheet HTML 5Page - IXYS Corporation IXDN409SI Datasheet HTML 6Page - IXYS Corporation IXDN409SI Datasheet HTML 7Page - IXYS Corporation IXDN409SI Datasheet HTML 8Page - IXYS Corporation IXDN409SI Datasheet HTML 9Page - IXYS Corporation IXDN409SI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
Figure 25 - Typical Application Short Circuit di/dt Limit
Fig. 21
Fig. 22
Fig. 23
HighState Output Resistance vs. SupplyVoltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
5
7.5
10
12.5
15
17.5
20
22.5
25
Supply Voltage (V)
LowState Output Resistance vs. SupplyVoltage
0
0.2
0.4
0.6
0.8
1
1.2
5
7.5
10
12.5
15
17.5
20
22.5
25
Supply Voltage (V)
Fig. 24
PChannel OutputCurrentvs.Temperature
Vcc=18VCL=10nF
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
-60
-40
-20
0
20
40
60
80
100
Temperature(C)
NChannel PeakOuputCurrentvs.Temperature
Vcc=18VCL=10nF
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
-60
-40
-20
0
20
40
60
80
100
Temperature(C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com