Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN409SI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN409SI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN409SI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN409SI Datasheet HTML 1Page - IXYS Corporation IXDN409SI Datasheet HTML 2Page - IXYS Corporation IXDN409SI Datasheet HTML 3Page - IXYS Corporation IXDN409SI Datasheet HTML 4Page - IXYS Corporation IXDN409SI Datasheet HTML 5Page - IXYS Corporation IXDN409SI Datasheet HTML 6Page - IXYS Corporation IXDN409SI Datasheet HTML 7Page - IXYS Corporation IXDN409SI Datasheet HTML 8Page - IXYS Corporation IXDN409SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes.
• Latch Up Protected
• High Peak Output Current: 9A Peak
• Operates from 4.5V to 25V
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 2500pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Limiting di/dt under Short Circuit
• Class D Switching Amplifiers
First Release
Copyright © IXYS CORPORATION 2002 Patent Pending
General Description
The IXDD409/IXDI409/IXDN409 are high speed high current
gate drivers specifically designed to drive the largest
MOSFETs and IGBTs to their minimum switching time and
maximum practical frequency limits. The IXDD409/IXDI409/
IXDN409 can source and sink 9A of peak current while
producing voltage rise and fall times of less than 30ns. The
input of the drivers are compatible with TTL or CMOS and are
fully immune to latch up over the entire operating range.
Designed with small internal delays, cross conduction/
current shoot-through is virtually eliminated in the IXDD409/
IXDI409/IXDN409. Their features and wide safety margin in
operating voltage and power make the drivers unmatched in
performance and value.
The IXDD409 incorporates a unique ability to disable the
output under fault conditions. When a logical low is forced
into the Enable input, both final output stage MOSFETs
(NMOS and PMOS) are turned off. As a result, the output of
the IXDD409 enters a tristate mode and achieves a Soft Turn-
Off of the MOSFET/IGBT when a short circuit is detected.
This helps prevent damage that could occur to the MOSFET/
IGBT if it were to be switched off abruptly due to a dv/dt over-
voltage transient.
The IXDN409 is configured as a non-inverting gate driver, and
the IXDI409 is an inverting gate driver.
The IXDD409/IXDI409/IXDN409 are available in the standard 8-
pin P-DIP (PI), SOP-8 (SI), 5-pin TO-220 (CI) and in the TO-263
(YI) surface-mount packages.
Figure 1A - IXDD409 Functional Diagram
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
9 Amp Low-Side Ultrafast MOSFET Driver
Figure 1B - IXDN409 Functional Diagram
Figure 1C - IXDI409 Functional Diagram
Part Number
Package Type
Temp. Range
Configuration
IXDD409PI
8-Pin PDIP
IXDD409SI
8-Pin SOIC
IXDD409YI
5-Pin TO-263
IXDD409CI
5-Pin TO-220
-40
°C to +85°C
Non Inverting
With Enable Line
IXDI409PI
8-Pin PDIP
IXDI409SI
8-Pin SOIC
IXDI409YI
5-Pin TO-263
IXDI409CI
5-Pin TO-220
-40
°C to +85°C
Inverting
IXDN409PI
8-Pin PDIP
IXDN409SI
8-Pin SOIC
IXDN409YI
5-Pin TO-263
IXDN409CI
5-Pin TO-220
-40
°C to +85°C
Non Inverting
Ordering Information


Similar Part No. - IXDN409SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI IXYS-IXDN402SI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDN409SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com