Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5253 Datasheet (PDF) - Micrel Semiconductor

MIC5253 Datasheet PDF - Micrel Semiconductor
Part # MIC5253
Download  MIC5253 Download
File Size   78.2 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100mA Low Noise UCap Teeny LDO

MIC5253 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5253 Datasheet PDF - Micrel Semiconductor

Part # MIC5253
Download  MIC5253 Click to download

File Size   78.2 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100mA Low Noise UCap Teeny LDO

MIC5253 Datasheet (HTML) - Micrel Semiconductor


MIC5253 Product details

General Description

The MIC5253 is an efficient, CMOS voltage regulator optimized for ultra-low-noise applications. It offers 1.5% initial accuracy, extremely low dropout voltage (165mV at 100mA), and low ground current (typically 95µA at full load). The MIC5253 provides a very low noise output, ideal for RF applications where a clean voltage source is required. A noise bypass pin is also available for further reduction of output noise.



Features

• Input voltage range: 2.7V to 5.5V

• Teeny™ SC-70-5 package

• Ultra-low output noise: 30µV(rms)

• 100mA continuous output current, 150mA peak current

• Stability with ceramic output capacitors

• Ultralow dropout: 165mV @ 100mA

• High output accuracy:

1.5% initial accuracy

3.0% over temperature

• Low ground current: 95µA

• TTL-Logic-controlled enable input

• “Zero” off-mode current

• Thermal shutdown and current limit protection



Applications

• Cellular phones and pagers

• Cellular accessories

• Battery-powered equipment

• Laptop, notebook, and palmtop computers

• Consumer/personal electronics




Similar Part No. - MIC5253

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253-1.5BC5 MICREL-MIC5253-1.5BC5 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
MIC5253-1.5YC5 MICREL-MIC5253-1.5YC5 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
MIC5253-1.85BC5 MICREL-MIC5253-1.85BC5 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
MIC5253-1.85YC5 MICREL-MIC5253-1.85YC5 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
MIC5253-1.8BC5 MICREL-MIC5253-1.8BC5 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
More results


Similar Description - MIC5253

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
150mA Low Noise UCap CMOS LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
300mA High PSRR, Low Noise UCap CMOS LDO
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
100mA Low Noise 關Cap Teeny??LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com