Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM9551SP Datasheet (PDF) - List of Unclassifed Manufacturers

OM9551SP Datasheet PDF - List of Unclassifed Manufacturers
Part # OM9551SP
Download  OM9551SP Download
File Size   178.29 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package

OM9551SP Datasheet (PDF)

Go To PDF Page Download Datasheet
OM9551SP Datasheet PDF - List of Unclassifed Manufacturers

Part # OM9551SP
Download  OM9551SP Click to download

File Size   178.29 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package

OM9551SP Datasheet (HTML) - List of Unclassifed Manufacturers


OM9551SP Product details

[Omnirel]

DESCRIPTION
The OM955X series of Switching Regulators are designed for pin compatibility with standard 3- Pin linear regulators. They are well suited for on-board, non- isolated power applications where efficient point- of- load regulation is needed. The package is designed using Chip- on – Board technology to reduce cost and maintain power density. These units will typically not require any additional components in your application due to capacitance provided internal to the package.

FEATURES
• High Efficiency
• Internal Short Circuit Protection
• Small Footprint
• High Power Density- 60W/in.3

APPLICATIONS
• High Power 5V to 3.3V Regulation
• Low Voltage Battery regulation
• Embedded Processor Power
• General Purpose Low Voltage Logic Supply
• FPGA Power




Similar Part No. - OM9551SP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
OM900UD PULSE-OM900UD Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
International Rectifier
OM9369SF IRF-OM9369SF Datasheet
149Kb / 14P
FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9369SP IRF-OM9369SP Datasheet
149Kb / 14P
FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
More results


Similar Description - OM9551SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6920 TI-PT6920 Datasheet
195Kb / 5P
5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6930 TI-PT6930 Datasheet
170Kb / 5P
5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6936 TI-PT6936 Datasheet
242Kb / 12P
11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Maxim Integrated Produc...
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com