Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM9551SP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM9551SP
Description  5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9551SP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM9551SP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OM9551SP, OM9552SP, OM9553SP, OM9554SP
Rev A
08/01/2000
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
2
PERFORMANCE CHARACTERISTICS (Ta= 25
°°°°C)
INPUT
Parameter
Symbol
Test Conditions
MIN
MAX
Units
Line Regulation
Rline
4.5V
≤≤≤≤ Vin ≤≤≤≤5.5V
-0.5
+0.5
%
Input Voltage
Range
Vin
4.5
7.0
V
Input Filtering1
22
uF
OUTPUT
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Units
Power
Po
Vo= 3.3V
10
W
Vout Accuracy
∆∆∆∆Vo
Vo= 3.3V, +2.5V,
+1.5V+1.8V
0.8
1.0
%
Vout Regulation
Vreg
Vin= 5V, 0.1
≤ Iο≤3A
0.3
0.1
%
Output Ripple
V
ηηηη
Vin= 5V, Io= 3.0A
80
100
mV(p-p)
Current Limiting
Ilim
Vin= 5V
4.0
A
Efficiency
ηηηη
Vin=5V,Io=3A,Vo=+3.3V
88
%
Efficiency
ηηηη
Vin=5V,Io=3A,Vo=+2.5V
87
%
Efficiency
ηηηη
Vin=5V,Io=3A,Vo=+1.8V
86
%
Efficiency
ηηηη
Vin=5V,Io=3A,Vo=+1.5V
85
%
Min. Load Current Il(min)
0.1
A
Output Filter
Capacitance1
Co
All Models
330
uF
DYNAMIC
Parameter
Test Conditions
MIN
TYP
MAX
Units
Transient
Response
50% load step
∆∆∆∆Vout
40
200
µµµµS
mV
Frequency
0 to 85
°°°°C
175
200
225
KHz
ENVIRONMENTAL
Parameter
MODEL
MIN
MAX
Units
Operating
Temperature
OM9551SP,
OM9552SP,
OM9553SP,
OM9554SP
-25
85
°°°°C
Storage Temp.
-40
125
°°°°C
Flammability
UL94V0
1 Included in the package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com