Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM9551SP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OM9551SP
Description  5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9551SP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OM9551SP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OM9551SP, OM9552SP, OM9553SP, OM9554SP
Rev A
08/01/2000
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
5
APPLICATION CIRCUIT
Internal to the package is a 22uF input capacitor and a 330uF output capacitor.
The Omnirel process allows sufficient space allocation to include all components
necessary to complete the basic regulation design. The additional by-pass
capacitors are suggested if an improvement in switching noise becomes necessary.
COM
OM9551SP
1
2
3
COM
Vin(+4.5- 5.5)
Vout(+)
(optional)
(optional)
0.1uF
0.1uF
(3.3V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com