Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM9551SP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM9551SP
Description  5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9551SP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM9551SP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9551SP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OM9551SP, OM9552SP, OM9553SP, OM9554SP
Rev A
08/01/2000
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
3
Typical Performance Characteristics (Ta= 25°°°°C)
Vo= +3.3V
Pow er Dissipation vs Output Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Iout (A)
4.5V
5.0V
5.5V
Efficiency vs Output Current
Vo= +3.3V
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Iout (A)
4.5V
5.0V
5.5V
Ripple vs Output Current
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
200.00
0.00 0.50 1.00 1.50 2.00 2.50 3.00
Iout (A)
4.5V
5.0V
5.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com