Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTD4591AM832TC Datasheet (PDF) - Zetex Semiconductors

ZXTD4591AM832TC Datasheet PDF - Zetex Semiconductors
Part # ZXTD4591AM832TC
Download  ZXTD4591AM832TC Download
File Size   348.95 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR

ZXTD4591AM832TC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTD4591AM832TC Datasheet PDF - Zetex Semiconductors

Part # ZXTD4591AM832TC
Download  ZXTD4591AM832TC Click to download

File Size   348.95 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR

ZXTD4591AM832TC Datasheet (HTML) - Zetex Semiconductors


ZXTD4591AM832TC Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package), these high performance NPN / PNP combination dual transistors offer lower on state losses making them ideal for use in DC-DC circuits and various driving and power-management functions.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Low Saturation Voltage (500mV max @1A)
• HFE specified up to 2A
• IC = 2.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Power switches
• Motor control
• LED Backlighting circuits




Similar Part No. - ZXTD4591AM832TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD4591AM832TC DIODES-ZXTD4591AM832TC Datasheet
842Kb / 10P
MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
APRIL 2008
More results


Similar Description - ZXTD4591AM832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTC2045E6 ZETEX-ZXTC2045E6 Datasheet
108Kb / 4P
Dual 40V complementary transistors in SOT23-6
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
ZXTC4591AMC DIODES-ZXTC4591AMC Datasheet
210Kb / 9P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
Rev 2
logo
Alpha & Omega Semicondu...
AO4618 AOSMD-AO4618 Datasheet
1Mb / 9P
40V Complementary MOSFET
logo
Diodes Incorporated
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
APRIL 2008
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
logo
Jiangsu Changjiang Elec...
CJ2045 JIANGSU-CJ2045 Datasheet
830Kb / 6P
Dual 40V complementary transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com