Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85003 Datasheet (PDF) - Intersil Corporation

ISL85003 Datasheet PDF - Intersil Corporation
Part # ISL85003
Download  ISL85003 Download
File Size   1040.13 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator

ISL85003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85003 Datasheet PDF - Intersil Corporation

Part # ISL85003
Download  ISL85003 Click to download

File Size   1040.13 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator

ISL85003 Datasheet (HTML) - Intersil Corporation


ISL85003 Product details

The ISL85005 and ISL85005A are monolithic, synchronous
buck regulators with integrated 5A, 18V high-side and low-side
FETs. These devices also provide an integrated bootstrap diode
for the high-side gate driver to reduce the external parts count.
These devices have a wide input voltage range to support
applications with input voltage from multi-cell batteries or
regulated 5V and 12V power rails.
The ISL85005 and ISL85005A regulate the output voltage
with current mode control and have an internal oscillator. The
switching frequency of the ISL85005 is internally set as
500kHz, and can be synchronized to an external clock signal
with frequency ranges from 300kHz to 2MHz. The ISL85005A
has a fixed 500kHz switching frequency.
The ISL85005 has a fixed 2.3ms soft-start, while the
ISL85005A features programmable soft-start to limit inrush
current during startup. With SS pin floating, the soft-start time
of ISL85005A is also 2.3ms.
The ISL85005 can be configured in either forced Continuous
Conduction Mode (CCM) or Diode Emulation Mode (DEM). DEM
enables high efficiency at light-load conditions. The
ISL85005A always operates in forced CCM.
The ISL85005 and ISL85005A have built-in protections
including input UVLO protection, input and output overvoltage
protection, high-side cycle-by-cycle current limit, low-side
forward current limit and reverse current limit, and thermal
shutdown.

Features
• 4.5V to 18V input voltage range
• Internal 5A, 18V high-side and low-side MOSFET switches
• ±1%, 0.8V feedback voltage reference
• Integrated bootstrap diode with undervoltage detection
• Current mode control with internal slope compensation
• Internal or external compensation options
• Default internally set 500kHz switching frequency
• Synchronization capability to external clock (ISL85005)
• Diode Emulation Mode (DEM) and forced CCM (FCCM)
options (ISL85005)
• Adjustable soft-start time (ISL85005A)
• Output Power-Good (PG) indicator
• Input undervoltage lockout (UVLO), input and output
overvoltage protection
• High-side cycle-by-cycle current limit, low-side forward and
reverse overcurrent protection, and thermal shutdown
• Small 12-pin 3mmx4mm Dual Flat No-Lead (DFN) package
with EPAD for enhanced thermal performance

Applications
• Network and communication equipments
• Battery powered systems
• Multifunction printers
• Point-of-load regulators
• Standard 12V rail supplies
• Embedded computing systems




Similar Part No. - ISL85003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85003 RENESAS-ISL85003 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85003 RENESAS-ISL85003 Datasheet
5Mb / 24P
Highly Efficient 3A Synchronous Buck Regulator
Apr 15, 2024
ISL85003A RENESAS-ISL85003A Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
More results


Similar Description - ISL85003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com