Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2843 Datasheet (PDF) - Analog Devices

ADN2843 Datasheet PDF - Analog Devices
Part # ADN2843
Download  ADN2843 Download
File Size   710.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.709 Gbps Laser Diode Driver Chipset

ADN2843 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2843 Datasheet PDF - Analog Devices

Part # ADN2843
Download  ADN2843 Click to download

File Size   710.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.709 Gbps Laser Diode Driver Chipset

ADN2843 Datasheet (HTML) - Analog Devices


ADN2843 Product details

GENERAL DESCRIPTION
The ADN2943 chipset consists of two components, the ADN2845 and the ADN2844. The ADN2845 is a 10.709 Gbps laser diode driver. The ADN2845 eliminates the need to ac couple since it can deliver 80 mA of modulation while dc coupled to the laser diode. It is intended to be copackaged with the laser to minimize bond lengths, which improves performance of the optical transmitter. For transmission line applications, contact HSN Application Group at fiberoptic.ic@analog.com.

FEATURES
    Data Rates from 9.952 Gbps to 10.709 Gbps
    Typical Rise/Fall Time 25 ps/23 ps
    Bias Current Range 3 mA to 80 mA
    Modulation Current Range 5 mA to 80 mA
    Monitor Photodiode Current 50 μA to 1200 μA
    Closed-Loop Control of Both Average Optical Power and Extinction Ratio
    Laser Fail and Laser Degrade Alarms
    Automatic Laser Shutdown, ALS
    Dual MPD Functionality for Wavelength Control
    CML Data Inputs
    50  Internal Data Terminations
    3.3 V Single-Supply Operation
    Driver Supplied in Dice Format

APPLICATIONS
    SONET OC-192, SDH STM-64
    Supports 10.667 Gbps and 10.709 Gbps FEC Rates
    10 Gb Ethernet IEEE802.3ae




Similar Part No. - ADN2843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
10.709 Gbps Laser Diode Driver Chipset
REV. 0
More results


Similar Description - ADN2843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV.0
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
3/05-Revision 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
11.3 Gbps Low-Power Laser Diode Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
3 Gbps Laser Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com