Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2530 Datasheet (PDF) - Toshiba Semiconductor

TLP2530 Datasheet PDF - Toshiba Semiconductor
Part # TLP2530
Download  TLP2530 Download
File Size   183.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAℓAs Ired & Photo IC

TLP2530 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2530 Datasheet PDF - Toshiba Semiconductor

Part # TLP2530
Download  TLP2530 Click to download

File Size   183.47 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAℓAs Ired & Photo IC

TLP2530 Datasheet (HTML) - Toshiba Semiconductor


TLP2530 Product details

Digital Logic Isolation
Line Receiver
Power Supply Control
Switching Power Supply
Transistor Inverter

The TOSHIBA TLP2530 and TLP2531 dual photocouplers consist of a pair of GaAℓAs light emitting diode and integrated photodetector. This unit is 8−lead DIP.
Separate connection for the photodiode bias and output transistor collectors improve the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base−collector capacitance.

• TTL compatible
• Switching speed: tpHL=0.3μs, tpLH=0.3μs(typ.) (@RL=1.9kΩ)
• Guaranteed performance over temp: 0~70°C
• Isolation voltage: 2500 Vrms(min.)
• UL recognized: UL1577, file no. E67349




Similar Part No. - TLP2530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2530 TOSHIBA-TLP2530 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
25-Sep-2002
TLP2530 TOSHIBA-TLP2530 Datasheet
207Kb / 8P
Digital Logic Isolation
01-Oct-2007
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
Digital Logic Isolation
01-Oct-2007
More results


Similar Description - TLP2530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
27-May-2002
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
25-Sep-2002
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
25-Sep-2002
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
05-Sep-2003
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
21-Oct-2003
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
TOSHIBA Photocoupler GaAAs IRED Photo IC
23-Feb-2010
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
19-Dec-2012
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com