Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3831A Datasheet (PDF) - Micronas

VCT3831A Datasheet PDF - Micronas
Part # VCT3831A
Download  VCT3831A Download
File Size   2243.1 Kbytes
Page   172 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Video/Controller/Teletext IC Family

VCT3831A Datasheet (PDF)

Go To PDF Page Download Datasheet
VCT3831A Datasheet PDF - Micronas

Part # VCT3831A
Download  VCT3831A Click to download

File Size   2243.1 Kbytes
Page   172 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Video/Controller/Teletext IC Family

VCT3831A Datasheet (HTML) - Micronas


VCT3831A Product details

Introduction
The VCT 38xxA is an IC family of high-quality singlechip TV processors. Modular design and a submicron technology allow the economic integration of features in all classes of TV sets. The VCT 38xxA family is based on functional blocks contained and approved in existing products like VDP 3120B, TPU 3050S, and CCZ 3005K.

Features
Video Features
– four composite video inputs, two S-VHS inputs
– analog YCrCb input
– composite video monitor
– multistandard color decoder (1 crystal)
– multistandard sync decoder
– black-line detector
– adaptive 2H comb filter Y/C separator
– horizontal scaling (0.25 to 4)
– Panoramavision
– black-level expander
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
– programmable RGB matrix
– analog RGB/Fastblank input
– half-contrast switch
– picture frame generator
– scan velocity modulation output
– high-performance H/V deflection
– angle and bow correction
– separate ADC for tube measurements
– EHT compensation

Microcontroller Features
– 8-bit, 10-MHz CPU (65C02)
– 96 kB program ROM on chip
– 1 kB program RAM on chip
– memory banking
– 16-input, 16-level interrupt controller
– patch modul for 10 ROM locations
– two 16-bit reloadable timers
– capture compare modul
– watchdog timer
– 14-bit PWM for voltage synthesis
– four 8-bit PWMs
– 10-bit ADC with 15:1 input MUX
– I2C bus master interface
– 24 programmable I/O ports
(Continue ...)




Similar Part No. - VCT3831A

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
Ceramic Trimmer Capacitors 3mm SMD Type
VCT3060 VATRONICS-VCT3060 Datasheet
57Kb / 2P
Ceramic Trimmer Capacitors 3mm SMD Type
VCT3100 VATRONICS-VCT3100 Datasheet
57Kb / 2P
Ceramic Trimmer Capacitors 3mm SMD Type
VCT3200 VATRONICS-VCT3200 Datasheet
57Kb / 2P
Ceramic Trimmer Capacitors 3mm SMD Type
VCT3300 VATRONICS-VCT3300 Datasheet
57Kb / 2P
Ceramic Trimmer Capacitors 3mm SMD Type
More results


Similar Description - VCT3831A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
Teletext video processor
March 1991
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
Teletext video processor
November 1986
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
Teletext Processor
logo
Micronas
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
Video Processor Family
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
Active-Semi, Inc
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com