Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IDW001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IDW001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IDW001V1
Download  STEVAL-IDW001V1 Download
File Size   394.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated reset button

STEVAL-IDW001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IDW001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IDW001V1
Download  STEVAL-IDW001V1 Click to download

File Size   394.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated reset button

STEVAL-IDW001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IDW001V1 Product details

Description
The STEVAL-IDW001V1 provides a platform for evaluation of ST’s SPWF01SA.11 Wi-Fi module. This product evaluation board integrates connectors for use in conjunction with the STM32F0DISCOVERY or with the STEVALPCC018V1. With the STM32F0DISCOVERY, it can be used as a USB dongle on a PC to evaluate the AT commands that are available in the Wi-Fi module firmware. This can be done using a PC utility such as HyperTerminal or similar. When integrated with the STM32F0DISCOVERY, the STEVAL-IDW001V1 allows the use of the WiFi module as a network co-processor for the STM32F0 microcontroller. In this case it is necessary to write an application for the microcontroller to pilot the Wi-Fi module capabilities.

Features
■ Integrated SPWF01SA.11 Wi-Fi module
■ Used as daughterboard for the STM32F0DISCOVERY
■ Can be used with the STEVAL-PCC018V1 UART to USB bridge board
■ Integrated reset button
■ Integrated power LED
■ Dimensions: 53 mm x 65 mm
■ RoHS compliant




Similar Part No. - STEVAL-IDW001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDB003V1 STMICROELECTRONICS-STEVAL-IDB003V1 Datasheet
348Kb / 4P
A BlueNRG IC based Bluetooth® Smart USB dongle
April 2014 Rev 1
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-IDB005V1D STMICROELECTRONICS-STEVAL-IDB005V1D Datasheet
232Kb / 4P
RoHS compliant
17-Dec-2015
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
More results


Similar Description - STEVAL-IDW001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
logo
Axiomtek Co., Ltd.
CEB94006 AXIOMTEK-CEB94006_15 Datasheet
194Kb / 1P
Switch button for PWRBTN, RESET, SLEEP, LID
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
STEVAL-CBP005V1 STMICROELECTRONICS-STEVAL-CBP005V1 Datasheet
125Kb / 4P
1 reset button on rear
24-Jun-2008
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com