Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6221AS Datasheet (PDF) - STMicroelectronics

E-L6221AS Datasheet PDF - STMicroelectronics
Part # E-L6221AS
Download  E-L6221AS Download
File Size   768.95 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad Darlington switch

E-L6221AS Datasheet (PDF)

Go To PDF Page Download Datasheet
E-L6221AS Datasheet PDF - STMicroelectronics

Part # E-L6221AS
Download  E-L6221AS Click to download

File Size   768.95 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad Darlington switch

E-L6221AS Datasheet (HTML) - STMicroelectronics


E-L6221AS Product details

Description
Each of the four switches is controlled by a logic
input and all four are controlled by a common
enable input. All inputs are TTL-compatible for
direct connection to logic circuits.
Each switch consists of an open-collector
Darlington transistor plus a fast diode for
switching applications with inductive device loads.
The emitters of the four switches are commoned.
Any number of inputs and outputs of the same
device may be paralleled.

Features
■ Four non-inverting inputs with enable
■ Output voltage up to 50 V
■ Output current up to 1.8 A
■ Very low saturation voltage
■ TTL compatible inputs
■ Integral fast recirculation diodes

Applications
The L6221 monolithic quad Darlington switch is
designed for high current, high voltage switching
applications.




Similar Part No. - E-L6221AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
E-L6203 STMICROELECTRONICS-E-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6210 STMICROELECTRONICS-E-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
E-L6219 STMICROELECTRONICS-E-L6219 Datasheet
212Kb / 16P
Stepper motor driver
18-Mar-2008
More results


Similar Description - E-L6221AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
2A QUAD DARLINGTON SWITCH
Oct-1991
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com