Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6221AS Datasheet(PDF) 7 Page - STMicroelectronics

Part # E-L6221AS
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6221AS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button E-L6221AS Datasheet HTML 3Page - STMicroelectronics E-L6221AS Datasheet HTML 4Page - STMicroelectronics E-L6221AS Datasheet HTML 5Page - STMicroelectronics E-L6221AS Datasheet HTML 6Page - STMicroelectronics E-L6221AS Datasheet HTML 7Page - STMicroelectronics E-L6221AS Datasheet HTML 8Page - STMicroelectronics E-L6221AS Datasheet HTML 9Page - STMicroelectronics E-L6221AS Datasheet HTML 10Page - STMicroelectronics E-L6221AS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical characteristics
7/22
4
Electrical characteristics
Note:
Refer to the test circuits Figure 3 to Figure 10 (VS = 5 V, Tamb = 25 °C unless otherwise
specified).
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Logic supply voltage
-
4.5
-
5.5
V
Is
Logic supply current
All outputs ON, IC = 0.7A
-
-
20
mA
All outputs OFF
-
-
20
mA
VCE(sus)
Output sustaining voltage
VIN = VINL, VEN = VENH
IC = 100 mA
46
-
-
V
ICEX
Output leakage current
VCE = 50V
VIN = VINL, VEN = VENH
--
1
mA
VCE(sat)
Collector emitter saturation
voltage (one input on, all others
inputs off.)
Vs = 4.5 V
VIN = VINH, VEN = VENH
IC = 0.6 A
IC = 1 A
IC = 1.8 A
-
-
-
-
-
-
1
1.2
1.6
V
VINL, VENL
Input low voltage
-
-
-
0.8
V
IINL, IENL
Input low current
VIN = VINL, VEN = VENL
--
-100
μA
VINL, VENH
Input high voltage
-
2.0
-
-
V
IINH, IENH
Input high current
VIN = VINH, VEN = VENH-
-
10
μA
IR
Clamp diode leakage current
VR = 50 V, VEN = VENH
VIN = VINL
-
-
100
μA
VF
Clamp diode forward voltage
IF = 1A
IF = 1.8A
-
-
-
-
1.6
2.0
V
V
td (on)
Turn-on delay time
Vp = 5V, RL = 10Ω
--
2
μs
td (off)
Turn-off delay time
Vp = 5V, RL = 10Ω
--
5
μs
ΔIs
Logic supply current variation
VIN = 5V, VEN = 5V
Iout = -300 mA for each
channel
-
-
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com