Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6221AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-L6221AS
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6221AS Datasheet(HTML) 1 Page - STMicroelectronics

  E-L6221AS Datasheet HTML 1Page - STMicroelectronics E-L6221AS Datasheet HTML 2Page - STMicroelectronics E-L6221AS Datasheet HTML 3Page - STMicroelectronics E-L6221AS Datasheet HTML 4Page - STMicroelectronics E-L6221AS Datasheet HTML 5Page - STMicroelectronics E-L6221AS Datasheet HTML 6Page - STMicroelectronics E-L6221AS Datasheet HTML 7Page - STMicroelectronics E-L6221AS Datasheet HTML 8Page - STMicroelectronics E-L6221AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2009
Rev 4
1/22
22
L6221
Quad Darlington switch
Features
■ Four non-inverting inputs with enable
■ Output voltage up to 50 V
■ Output current up to 1.8 A
■ Very low saturation voltage
■ TTL compatible inputs
■ Integral fast recirculation diodes
Applications
The L6221 monolithic quad Darlington switch is
designed for high current, high voltage switching
applications.
Description
Each of the four switches is controlled by a logic
input and all four are controlled by a common
enable input. All inputs are TTL-compatible for
direct connection to logic circuits.
Each switch consists of an open-collector
Darlington transistor plus a fast diode for
switching applications with inductive device loads.
The emitters of the four switches are commoned.
Any number of inputs and outputs of the same
device may be paralleled.
Figure 1.
Block diagram
Table 1.
Device summary
Order code
Package
E-L6221AS
Power DIP
E-L6221AD
SO16+2+2
E-L6221AD013TR
SO16+2+2 (tape and reel)
E-L6221C/CD/CN
Obsolete product
Power DIP 12+2+2
SO16+2+2
www.st.com


Similar Part No. - E-L6221AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
E-L6203 STMICROELECTRONICS-E-L6203 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6210 STMICROELECTRONICS-E-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
E-L6219 STMICROELECTRONICS-E-L6219 Datasheet
212Kb / 16P
Stepper motor driver
18-Mar-2008
More results

Similar Description - E-L6221AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
2A QUAD DARLINGTON SWITCH
Oct-1991
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com