Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L6221AS Datasheet(PDF) 8 Page - STMicroelectronics

Part # E-L6221AS
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6221AS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button E-L6221AS Datasheet HTML 4Page - STMicroelectronics E-L6221AS Datasheet HTML 5Page - STMicroelectronics E-L6221AS Datasheet HTML 6Page - STMicroelectronics E-L6221AS Datasheet HTML 7Page - STMicroelectronics E-L6221AS Datasheet HTML 8Page - STMicroelectronics E-L6221AS Datasheet HTML 9Page - STMicroelectronics E-L6221AS Datasheet HTML 10Page - STMicroelectronics E-L6221AS Datasheet HTML 11Page - STMicroelectronics E-L6221AS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Test circuits
8/22
5
Test circuits
Note:
Pin numbers without parentheses apply to the Power DIP package.
Pin numbers in parentheses are not applicable.
Figure 3.
Logic supply current
Figure 4.
Output sustaining voltage
Figure 5.
Output leakage current
Set VIN = 4.5 V, VEN = 0.8 V, or VIN = 0.8 V, VEN = 4.5 V, for IS (all outputs off)
S
et VIN = 2 V, VEN = 2 V, for IS (all outputs on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com