Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet (PDF) - STMicroelectronics

LED7708TR Datasheet PDF - STMicroelectronics
Part # LED7708TR
Download  LED7708TR Download
File Size   861.08 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channels x 85 mA LED driver with boost controller and 4-wire serial interface

LED7708TR Datasheet (PDF)

Go To PDF Page Download Datasheet
LED7708TR Datasheet PDF - STMicroelectronics

Part # LED7708TR
Download  LED7708TR Click to download

File Size   861.08 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channels x 85 mA LED driver with boost controller and 4-wire serial interface

LED7708TR Datasheet (HTML) - STMicroelectronics


LED7708TR Product details

Description
The LED7708 has been specifically designed to supply several LEDs starting from a single lowvoltage rail. It integrates a boost controller, sixteen current generators and a 4-wire serial interface. The boost controller regulates the output voltage in an adaptive way, according to the LED requirements, resulting in an improved overall efficiency. All the current generators are 40 V-rated, allowing the LED7708 to drive several LEDs in series on each channel. The channels can be put in parallel for higher output current. The brightness of the LEDs is controlled by using the serial interface. A selectable 12-bit or 16-bit grayscale brightness control allows independent PWM on each channel. A programmable on-chip dimming oscillator is provided for external circuitry simplification. The device has dedicated pins to lock to an external synchronization with other devices (master or slave) for noise reduction in multi-device applications. The LED7708 implements basic protection (OVP, OCP and

Features
■ Boost controller section – 3.6 V to 36 V input voltage range (LDO) – Adaptive output voltage for high efficiency – Internal +5 V LDO for gate driver supply – Internal +3.3 V LDO for device supply – High performance external MOSFET driver – 250 kHz to 1 MHz switching frequency – Programmable OV and OC protection – Fixed frequency peak current-mode control – External synchronization for multi-device

Applications
■ TV and monitor backlight units for LCD panels
■ Medium and large size LCD panel backlights
■ RGB/RGGB backlight solutions




Similar Part No. - LED7708TR

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
Infrared LED Lamp
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7706TR STMICROELECTRONICS-LED7706TR Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
LED7707TR STMICROELECTRONICS-LED7707TR Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
More results


Similar Description - LED7708TR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0881 ATMEL-ATR0881 Datasheet
160Kb / 6P
3-output Laser Driver with 5 Channels and Serial Interface
logo
Integrated Silicon Solu...
IS31FL3216 ISSI-IS31FL3216 Datasheet
437Kb / 16P
16 CHANNELS LED DRIVER
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
Series Boost LED Driver with Single-Wire Digital Interface
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
logo
Integrated Silicon Solu...
IS31FL3216-QFLS2-EB ISSI-IS31FL3216-QFLS2-EB Datasheet
386Kb / 17P
16 CHANNELS LED DRIVER
IS31FL3216-QFLS2-TR ISSI-IS31FL3216-QFLS2-TR Datasheet
386Kb / 17P
16 CHANNELS LED DRIVER
logo
Texas Instruments
TPS92390 TI-TPS92390 Datasheet
3Mb / 78P
TPS92390 Boost/SEPIC High Dimming Performance LED Driver with Four 200-mA Channels
TPS92391 TI-TPS92391 Datasheet
3Mb / 79P
TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels
logo
MY-SEMI INC.
MY9942 MY-SEMI-MY9942 Datasheet
2Mb / 27P
4 Channels Constant Current LED Driver With Addressable DMX512 Protocol and Differential Interface
June. 2011 Ver. 0.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com