Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 5 Page - STMicroelectronics

  LED7708TR Datasheet HTML 1Page - STMicroelectronics LED7708TR Datasheet HTML 2Page - STMicroelectronics LED7708TR Datasheet HTML 3Page - STMicroelectronics LED7708TR Datasheet HTML 4Page - STMicroelectronics LED7708TR Datasheet HTML 5Page - STMicroelectronics LED7708TR Datasheet HTML 6Page - STMicroelectronics LED7708TR Datasheet HTML 7Page - STMicroelectronics LED7708TR Datasheet HTML 8Page - STMicroelectronics LED7708TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
LED7708
List of figures
Doc ID 022698 Rev 1
5/53
List of figures
Figure 1.
Basic application circuit schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin connection (through top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Simplified block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 4.
Soft-start waveforms (standalone operation) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5.
Simplified output regulation circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 6.
Effect of slope compensation on small inductor current perturbation (D>0.5) . . . . . . . . . . 26
Figure 7.
Simplified serial interface block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 8.
Timing diagram related to a DEVCFGx write operation . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 9.
16-bit data format, write operation to the brightness register . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 10.
256-bit data format, write operation to the brightness registers . . . . . . . . . . . . . . . . . . . . . 32
Figure 11.
192-bit data format, write operation to the brightness registers . . . . . . . . . . . . . . . . . . . . . 32
Figure 12.
Dimming signals and synchronization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 13.
Normal timing mode waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 14.
Inverted timing mode waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 15.
Dimming waveform and GSSY output pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 16.
Dimming waveform triggered by GSSY input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 17.
Internal signals connected to the XFLT pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 18.
Channels current gain adjust . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 19.
Continuous reading mode disabled, 1x256-bit data format . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 20.
Continuous reading mode enabled, 1x256-bit data format . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 21.
VFQFPN48 (7 x 7 x 1.0 mm.) package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 22.
Recommended PCB footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com