Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 31Page - STMicroelectronics LED7708TR Datasheet HTML 32Page - STMicroelectronics LED7708TR Datasheet HTML 33Page - STMicroelectronics LED7708TR Datasheet HTML 34Page - STMicroelectronics LED7708TR Datasheet HTML 35Page - STMicroelectronics LED7708TR Datasheet HTML 36Page - STMicroelectronics LED7708TR Datasheet HTML 37Page - STMicroelectronics LED7708TR Datasheet HTML 38Page - STMicroelectronics LED7708TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
35/53
8.5.7
DEVCFG1 register
Table 15.
DEVCFG1 register
Bit
Position
Attribute
Default
Description
ADJ0
0
R/W
0
Current gain adjust
ADJ1
1
R/W
0
ADJ2
2
R/W
0
ADJ3
3
R/W
0
ADJ4
4
R/W
0
ADJ5
5
R/W
0
CGRS
6
R/W
1
Current gain range selector
0= range 1 selected
1= range 2 selected
See Section 8.8.1: Current generators gain
adjust.
LAT16
7
R/W
0
Bits #16 and #17 of dimming latency
(See GSLAT register)
LAT17
8
R/W
0
BDFS
9
R/W
0
Brightness data format selector
0= 16x16-bit format
1= 1x256-bit or 1x192-bit format
BRLS
10
R/W
0
Brightness registers length selector
0= 12-bit resolution
1= 16-bit resolution
DTIN
11
R/W
0
Dimming timing inversion selector
0= dimming cycle off-phase first
1= dimming cycle on-phase first
DASS
12
R/W
0
Data synchronization selector
0= brightness data immediately updated at
the falling edge of LE
1= brightness data updated at the end of the
current dimming cycle
DSYS†
13
R/W
0
Dimming synchronization selector†
0= GSSY pin is pulse output
1= GSSY pin is trigger input
CSRD
14
R/W
0
Continuous status reading
0= continuous status reading disabled
1= continuous status reading enabled
DEST
15
R/W
X
Destination register address
0= FIFO loaded into DEVCFG0
1= FIFO loaded into DEVCFG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com