Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 3Page - STMicroelectronics LED7708TR Datasheet HTML 4Page - STMicroelectronics LED7708TR Datasheet HTML 5Page - STMicroelectronics LED7708TR Datasheet HTML 6Page - STMicroelectronics LED7708TR Datasheet HTML 7Page - STMicroelectronics LED7708TR Datasheet HTML 8Page - STMicroelectronics LED7708TR Datasheet HTML 9Page - STMicroelectronics LED7708TR Datasheet HTML 10Page - STMicroelectronics LED7708TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
LED7708
Pin function
Doc ID 022698 Rev 1
7/53
2
Pin function
Figure 2.
Pin connection (through top view)
Table 2.
Pin description
Pin
Function
1
VSI
Serial interface (SI) core and digital I/O buffer supply input. Connect to LDO3 or to an
external supply (3 V-5 V). Insert a 100 nF bypass ceramic capacitor between this pin and
SGND. Connect to the host controller’s supply when possible.
2
GSSY
Grayscale synchronization output or VSYNC input. When the internal dimming generation
is set, a pulse at the end of each dimming cycle is provided for data stream
synchronization. Also used as dimming synchronization input to lock the dimming cycles
on the vertical sync pulses.
3
DIN
Serial interface data input.
4
DOUT
Serial interface data out.
5
DCLK
Serial interface data clock.
6
LE
Serial interface latch enable.
7GSCK
Grayscale clock I/O. When the internal dimming oscillator is used, the grayscale clock is
provided at this pin. The pin becomes the grayscale clock input if the internal dimming
oscillator is disabled (see FOSC pin).
8
XFLT
Fault signal, open drain output. The pin goes low when a faulty condition occurs.
9IOK
Channel current OK handshake I/O. Used for extended output voltage regulation in multi-
device applications. Used by slave devices to request a higher output voltage to the
master. A 100 k pull-up resistor to LD03 is required.
10
XVOK
Channel voltage OK I/O (inverted). Used for extended output voltage regulation in multi-
device applications. Used by slave devices to request an output voltage reduction to the
master. A 100 k pull-up resistor to LD03 is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com