Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 17Page - STMicroelectronics LED7708TR Datasheet HTML 18Page - STMicroelectronics LED7708TR Datasheet HTML 19Page - STMicroelectronics LED7708TR Datasheet HTML 20Page - STMicroelectronics LED7708TR Datasheet HTML 21Page - STMicroelectronics LED7708TR Datasheet HTML 22Page - STMicroelectronics LED7708TR Datasheet HTML 23Page - STMicroelectronics LED7708TR Datasheet HTML 24Page - STMicroelectronics LED7708TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
21/53
8.2
Device shutdown
The device is turned off by clearing the DEN bit of the DEVCFG0 register. The content of
most of the internal registers is not cleared acting on the DEN bit.
The LREN pin can be also used to turn the device on and off whenever the internal 3.3 V
LDO is used to supply the LED7708 (POR). In this case the content of the internal registers
is lost.
8.3
Boost controller section and output voltage control
The boost section of the LED7708 consists of:
●
Fixed-frequency current-mode step-up controller
●
Output voltage optimization loop
●
External MOSFET gate driver
●
Related protection circuitry.
8.3.1
Output voltage optimization
The output voltage of the boost section is the supply rail for the LED strings and is regulated
in an adaptive way to improve the overall efficiency. A dedicated digital-to-analog converter
(DAC) is used to change the reference voltage of the loop and the output voltage is adjusted
in order to keep the power dissipation of the LED driving section to the minimum level.
The optimization is achieved by keeping the voltage drop across the channels inside a fixed
window (regulation window) and its amplitude can be selected between two values (300 mV
and 600 mV) by acting on the internal registers. The lower threshold of the regulation
window (VRWL) is a function of the set LED current (Equation 1) and the upper threshold
(VRWH) is therefore determined.
Equation 1
Figure 5 shows the simplified regulation circuit.
V
RWL
K
W
R
ISETH
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com