Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 16Page - STMicroelectronics LED7708TR Datasheet HTML 17Page - STMicroelectronics LED7708TR Datasheet HTML 18Page - STMicroelectronics LED7708TR Datasheet HTML 19Page - STMicroelectronics LED7708TR Datasheet HTML 20Page - STMicroelectronics LED7708TR Datasheet HTML 21Page - STMicroelectronics LED7708TR Datasheet HTML 22Page - STMicroelectronics LED7708TR Datasheet HTML 23Page - STMicroelectronics LED7708TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Recommended operating conditions
LED7708
20/53
Doc ID 022698 Rev 1
8.1
Device power-up and soft-start
The VSI pin (supply input for the serial interface) has a high level threshold lower than the
upper UVLO threshold at the LDO3 pin, ensuring that the serial interface is enabled prior to
the device being turned on. Anyway, after the POR, the DEN (device enable) bit of the
internal DEVCFG0 control register is low (default value) and the device is off. The soft-start
sequence takes place as soon as this bit is asserted.
If the LED7708 is set to operate in standalone, the soft-start procedure takes place in two
steps (Figure 4):
1.
The switching frequency is reduced to one fourth of the nominal value and the boost
current limit is set to 20%. This phase finishes approximately 1 ms after the output
voltage reaches the maximum value (not the OVP level). During this phase the
channels are disabled.
2.
Both the switching frequency and the boost current limit are released to their respective
nominal values and then the channels are enabled.
Figure 4.
Soft-start waveforms (standalone operation)
A slightly different soft-start procedure takes place if the LED7708 is set to operate as
master in conjunction with other slave devices:
1.
The switching frequency is reduced to one eighth of the nominal value and the boost
current limit is set to 20%. This phase finishes approximately 1 ms after the output
voltage reaches the maximum value (not the OVP level). During this phase the
channels are active.
2.
The switching frequency is increased to half the nominal value. This phase is held for
approximately 2 ms.
3.
The switching frequency is further increased to the nominal value while the current limit
changes to 40% (~5 ms duration).
4.
The current limit is released to its nominal values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com