Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 24Page - STMicroelectronics LED7708TR Datasheet HTML 25Page - STMicroelectronics LED7708TR Datasheet HTML 26Page - STMicroelectronics LED7708TR Datasheet HTML 27Page - STMicroelectronics LED7708TR Datasheet HTML 28Page - STMicroelectronics LED7708TR Datasheet HTML 29Page - STMicroelectronics LED7708TR Datasheet HTML 30Page - STMicroelectronics LED7708TR Datasheet HTML 31Page - STMicroelectronics LED7708TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Recommended operating conditions
LED7708
28/53
Doc ID 022698 Rev 1
The two current levels are set by connecting a resistor on both the ISETH and ISETL pins:
Equation 12
where KH= 1200 V.
Equation 13
where KL= 4.0 V.
The lower level is generally used to keep the voltage across the LED string under control
during the off-phase of the dimming period; if a zero-current low level is required, the ISETL
pin must be connected to the device supply rail (LDO3).
The current generators of the LED7708 have been designed to be grouped (i.e. connected
in parallel) if required by the application. For stability reasons, the parallelization of the
current generators should be done when the programmed current is above 40 mA per
channel.
The current accuracy among different devices is guaranteed to be lower than ±2% through
the full output current range (20 mA-85 mA). Two current ranges are selectable in order to
optimize the overall current accuracy.
Table 10 provides some typical output currents for standard E96 values.
Unused channels should be disabled through the CHSEL register and can be physically left
floating or shorted to ground.
Table 10.
LED current vs. external resistor setting
Nominal LED current
ICHX,ON [mA]
RISETH [kΩ]
E96 series (1%)
Actual LED current
ICHX,ON [mA]
85
14.3
83.9
75
16.2
74.1
60
20.0
60.0
50
24.3
49.4
40
30.1
39.9
30
40.2
29.9
20
60.4
19.9
15
80.6
14.9
I
CHX ON
,
K
H
R
ISETH
-------------------
=
I
CHX OFF
,
K
L
R
ISETL
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com