Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 20Page - STMicroelectronics LED7708TR Datasheet HTML 21Page - STMicroelectronics LED7708TR Datasheet HTML 22Page - STMicroelectronics LED7708TR Datasheet HTML 23Page - STMicroelectronics LED7708TR Datasheet HTML 24Page - STMicroelectronics LED7708TR Datasheet HTML 25Page - STMicroelectronics LED7708TR Datasheet HTML 26Page - STMicroelectronics LED7708TR Datasheet HTML 27Page - STMicroelectronics LED7708TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Recommended operating conditions
LED7708
24/53
Doc ID 022698 Rev 1
in order to guarantee enough steering room for the optimization. Because of the significant
dependence of the LED forward voltage with temperature, this must be taken into account
when calculating the minimum expected output voltage.
The best way to proceed when designing the external components is the following:
1.
Determine the output voltage range required by the LED strings, considering VF spread
and temperature variation:
2.
Calculate the middle-point of the output voltage range VBOOST,middle.
3.
Calculate the output divider through Equation 4 and 5.
4.
Calculate the resulting four output voltage ranges (VMIN setting options).
5.
Select the output voltage range closest to the one calculated at point 1.
Equation 4
Equation 5
8.3.2
Boost converter loop
The voltage drop of each current generator is sent to the minimum voltage selector: the
lowest one is used as feedback and sent to the window comparator, whose outputs are used
to increase or decrease the loop-counter. The digital outputs of the counter are connected to
the DAC and the target reference is generated. As previously mentioned, this reference
voltage is compared to a partition of the output voltage: the difference is translated into an
error current at the output of the trans-conductance amplifier (see Figure 4, COMP pin).
At this point the compensation network, externally connected to the COMP pin, provides the
programmed trip level for the inductor current. An additional slope compensation ramp is
mixed, as usual, to avoid possible sub-harmonic instability when the boost converter
operates in continuous conduction mode (CCM). The SLOPE pin allows the proper setting
of the amount of slope compensation connecting a simple resistor RSLOPE between the
SLOPE pin and ground. The compensation ramp of a master device starts at 35% (typ.) of
each switching period.
The boost converter switching frequency can be set in the 200 kHz-1 MHz range by
connecting the FSW pin to ground through a resistor, calculated according to Equation 6:
Equation 6
)
V
(
max
=
V
j
F,
m
1
=
j
N
1
=
i
LED
Σ
LE DS
RO WS
R
2
V
BOOST middle
,
V
VFB
–
()
V
VF B
---------------------------------------------------------------
R
1
⋅
=
V
BOOST MAX
,
R
1
R
+
2
---------------------------------- 100
μA
≤
SW
F
FSW
f
K
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com