Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED7708TR
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 5Page - STMicroelectronics LED7708TR Datasheet HTML 6Page - STMicroelectronics LED7708TR Datasheet HTML 7Page - STMicroelectronics LED7708TR Datasheet HTML 8Page - STMicroelectronics LED7708TR Datasheet HTML 9Page - STMicroelectronics LED7708TR Datasheet HTML 10Page - STMicroelectronics LED7708TR Datasheet HTML 11Page - STMicroelectronics LED7708TR Datasheet HTML 12Page - STMicroelectronics LED7708TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
LED7708
Pin function
Doc ID 022698 Rev 1
9/53
36
CH14
Driver output (channel) #14.
37
CH15
Driver output (channel) #15.
38
CH16
Driver output (channel) #16.
39
AGND
Analog ground. Common return for the current generators (channels).
40
VMIN
Minimum output voltage setting. Multi-level input (high, low, floating or resistor to SGND).
Used in conjunction with the VFB pin to set the best output voltage range swing for a given
LED array. See related section for further details.
41
CSNS
External MOSFET current sense input. Connect to the sensing resistor in series with the
power switch (source of the power MOSFET node).
42
PGND
Power ground. Reference for the external MOSFET current sensing circuit and return for
the gate driver.
43
GATE
External MOSFET gate driver output. Connected to the gate of the power MOSFET.
44
VDR
Gate driver supply. Internally connected to the 5 V LDO regulator. Bypass with a 1 µF
ceramic capacitor to PGND as close as possible to the chip.
45
LREN
3.3 V linear regulator enable. When high or floating, the internal 3.3 V linear regulator is
used to supply the device. Also used to turn off the device for power consumption
reduction. To be left floating the internal 3.3 V LDO is overdriven by an external 3.3 V
supply rail.
46
VIN
Input of the LDO linear regulators. Bypass with a 1µF ceramic capacitor to ground as close
as possible to the chip.
47
LDO3
3.3 V device supply and internal 3.3 V linear regulator output. Bypass with a 1 µF ceramic
capacitor to ground as close as possible to the chip.
48
VFB
Output voltage feedback for the boost controller. Connect to the central tap of the output
resistor divider. See the related section for details.
Table 2.
Pin description (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com