Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1225RG Datasheet (PDF) - STMicroelectronics

TYN1225RG Datasheet PDF - STMicroelectronics
Part # TYN1225RG
Download  TYN1225RG Download
File Size   208.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 25 A SCRs

TYN1225RG Datasheet (PDF)

Go To PDF Page Download Datasheet
TYN1225RG Datasheet PDF - STMicroelectronics

Part # TYN1225RG
Download  TYN1225RG Click to download

File Size   208.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 25 A SCRs

TYN1225RG Datasheet (HTML) - STMicroelectronics


TYN1225RG Product details

Description

These standard 25 A SCRs are suitable for general purpose applications.

Using clip assembly technology, they provide a superior performance in surge current capabilities.



Features

■ On-state rms current, IT(RMS)25 A

■ Repetitive peak off-state voltage, VDRM/VRRM 600 to 1200 V

■ Triggering gate current, IGT40 mA

■ Insulated package TO-220AB ins

   – Insulating voltage 2500 V rms

   – UL1557 certified (file ref. E81734)




Similar Part No. - TYN1225RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYN1225RG ETC2-TYN1225RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TYN1225RG STMICROELECTRONICS-TYN1225RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
More results


Similar Description - TYN1225RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
21-Sep-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com