Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1225RG Datasheet(PDF) 10 Page - STMicroelectronics

Part # TYN1225RG
Description  Standard 25 A SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1225RG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TYN1225RG Datasheet HTML 3Page - STMicroelectronics TYN1225RG Datasheet HTML 4Page - STMicroelectronics TYN1225RG Datasheet HTML 5Page - STMicroelectronics TYN1225RG Datasheet HTML 6Page - STMicroelectronics TYN1225RG Datasheet HTML 7Page - STMicroelectronics TYN1225RG Datasheet HTML 8Page - STMicroelectronics TYN1225RG Datasheet HTML 9Page - STMicroelectronics TYN1225RG Datasheet HTML 10Page - STMicroelectronics TYN1225RG Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
TN2540, TXN625, TYN625, TYN825, TYN1225
10/11
DocID7478 Rev 9
4
Ordering information
5
Revision history
Table 7. Ordering information
Order code
Voltage Sensitivity
Marking
Package
Weight
Base
qty
Delivery
mode
TN2540-600G-TR
600 V
40 mA
TN2540600G
D2PAK
1.5 g
1000
Tape &
reel
TN2540-800G-TR
800 V
40 mA
TN2540800G
D2PAK
1.5 g
1000
Tape &
reel
TXN625RG
600 V
40 mA
TXN625
TO-220AB
ins
2.3 g
50
Tube
TYN625RG
600 V
40 mA
TYN625
TO-220AB
2.3 g
50
Tube
TYN825RG
800 V
40 mA
TYN825
TO-220AB
2.3 g
50
Tube
TYN1225RG
1200 V
40 mA
TYN1225
TO-220AB
2.3 g
50
Tube
Table 8. Document revision history
Date
Revision
Changes
Apr-2002
4A
Previous update
13-Feb-2006
5
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
17-Jun-2011
6
Added TXN625.
13-Sep-2011
7
Added UL certification in Features.
07-Feb-2012
8
Added TYN1225.
20-Aug-2014
9
Updated Section 3: Package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com