Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1225RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN1225RG
Description  Standard 25 A SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1225RG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN1225RG Datasheet HTML 1Page - STMicroelectronics TYN1225RG Datasheet HTML 2Page - STMicroelectronics TYN1225RG Datasheet HTML 3Page - STMicroelectronics TYN1225RG Datasheet HTML 4Page - STMicroelectronics TYN1225RG Datasheet HTML 5Page - STMicroelectronics TYN1225RG Datasheet HTML 6Page - STMicroelectronics TYN1225RG Datasheet HTML 7Page - STMicroelectronics TYN1225RG Datasheet HTML 8Page - STMicroelectronics TYN1225RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
TN2540, TXN625, TYN625, TYN825, TYN1225
4/11
DocID7478 Rev 9
Figure 5. Relative variation of thermal
impedance versus pulse duration (TO-220AB
ins)
Figure 6. Relative variation of gate trigger,
holding, and latching currents versus junction
temperature
K=[Z /R
th
th]
1,0E-02
1,0E-01
1,0E+00
1,0E-03
1,0E-02
1,0E-01
1,0E+00
1,0E+01
1,0E+02
1,0E+03
t (s)
p
Zth(j-c)
Zth(j-a)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
IGT
IH & IL
Figure 7. Surge peak on-state current versus
number of cycles
Figure 8. Non-repetitive surge peak on-state
current, and corresponding values of I2t
I(A)
TSM
0
50
100
150
200
250
300
350
1
10
100
1000
Non repetitive
Tj initial=25 °C
Repetitive
TC=83°C
t =10ms
p
One cycle
Number of cycles
0.01
0.10
1.00
10.00
100
1000
2000
I
(A), I t (A s)
TSM
22
Sinusoidal pulse width t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation
Figure 9. On-state characteristics (maximum
values)
Figure 10. Thermal resistance junction to
ambient versus copper surface under tab
(D2PAK)
I
(A)
TM
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj max :
Vto = 0.77V
Rd = 14m˜
V
(V)
TM
0
4
8
12
1620242832
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com