Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1225RG Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN1225RG
Description  Standard 25 A SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1225RG Datasheet(HTML) 3 Page - STMicroelectronics

  TYN1225RG Datasheet HTML 1Page - STMicroelectronics TYN1225RG Datasheet HTML 2Page - STMicroelectronics TYN1225RG Datasheet HTML 3Page - STMicroelectronics TYN1225RG Datasheet HTML 4Page - STMicroelectronics TYN1225RG Datasheet HTML 5Page - STMicroelectronics TYN1225RG Datasheet HTML 6Page - STMicroelectronics TYN1225RG Datasheet HTML 7Page - STMicroelectronics TYN1225RG Datasheet HTML 8Page - STMicroelectronics TYN1225RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID7478 Rev 9
3/11
TN2540, TXN625, TYN625, TYN825, TYN1225
Characteristics
11
Table 4. Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
D2PAK, TO-220AB
1.0
°C/W
TO-220AB ins
2.0
Rth(j-a)
Junction to ambient (DC)
S(1) = 1 cm2
D2PAK
45
°C/W
TO-220AB, TO-220AB ins
60
1.
S = Copper surface under tab.
Figure 1. Maximum average power
dissipation versus average
on-state current
Figure 2. Average and DC on-state current
versus case temperature
P(W)
0
2
4
6
8
10
12
14
16
18
20
22
02
46
8
10
12
14
16
I
(A)
T(AV)
360°
α
I(A)
T(AV)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
25
50
75
100
125
D2PAK
TO-220AB
TO-220ABins
α = 180°
DC
T
(°C)
case
Figure 3. Average and DC on-state current
versus ambient temperature
Figure 4. Relative variation of thermal
impedance versus pulse duration (D2PAK, and
TO-220AB)
I(A)
T(AV)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
0
25
50
75
100
125
D2PAK
TO-220AB
TO-220ABins
DC
α = 180°
T
(°C)
amb
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
Zth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com