Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet (PDF) - STMicroelectronics

LQFP64 Datasheet PDF - STMicroelectronics
Part # LQFP64
Download  LQFP64 Download
File Size   686.16 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Non-maskable interrupt

LQFP64 Datasheet (PDF)

Go To PDF Page Download Datasheet
LQFP64 Datasheet PDF - STMicroelectronics

Part # LQFP64
Download  LQFP64 Click to download

File Size   686.16 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Non-maskable interrupt

LQFP64 Datasheet (HTML) - STMicroelectronics


LQFP64 Product details

Features
■ High-performance up to 48 MHz e200z0h CPU – 32-bit Power Architecture® technology CPU – Variable length encoding (VLE)
■ Memory – Up to 256 KB Code Flash with ECC – Up to 64 (4x16) KB Data Flash with ECC – Up to 16 KB SRAM with ECC
■ Interrupts – 16 priority levels – Non-maskable interrupt (NMI) – Up to 38 external interrupts incl. 18 wakeup lines
■ 16-channel eDMA
■ GPIOs: 45 (LQFP64), 79 (LQFP100)
■ Timer units – 4-channel 32-bit periodic interrupt timers – 4-channel 32-bit system timer module – System watchdog timer – 32 bit real-time clock timer
■ 16-bit counter time-triggered I/Os – Up to 28 channels with PWM/MC/IC/OC – 5 independent counters – 27 ch. with ADC trigger capability
■ 12-bit analog-to-digital converter (ADC) with up to 33 channels – Up to 61 channels via external multiplexing – Individual conversion registers – Cross triggering unit (CTU)
■ Dedicated diagnostic module for lighting – Advanced PWM generation – Time-triggered diagnostics – PWM-synchronized ADC measurements
■ Communications interfaces – 1 FlexCAN interface (2.0B active) with 32 message buffers – 3 LINFlex/UART, 1 with DMA capability – 2 DSPI
■ Clock generation – 4 to 16 MHz fast external crystal oscillator – 16 MHz fast internal RC oscillator – 128 kHz slow internal RC oscillator – Software-controlled FMPLL – Clock monitoring unit
■ Exhaustive debugging capability – Nexus1 on all packages – Nexus2+ available on emulation device (SPC560B64B2-ENG)
■ On-chip CAN/UART bootstrap loader
■ Low power capabilities – Several low power mode configurations – Ultra-low power standby with RTC,SRAM and CAN monitoring – Fast wakeup schemes
■ Single 5 V or 3.3 V supply
■ Operates in ambient temperature range of -40 to 125 °C




Similar Part No. - LQFP64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
logo
NXP Semiconductors
LQFP64 NXP-LQFP64 Datasheet
1Mb / 77P
32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
STMicroelectronics
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
2Mb / 116P
Up to 60 DMIPs operation
03-Feb-2015
More results


Similar Description - LQFP64

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
fujitsu semiconductor
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
Programmable Interrupt Controller
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
interrupt and reset
PI4IOE5V9675 PERICOM-PI4IOE5V9675 Datasheet
717Kb / 16P
interrupt Description
logo
Megawin Technology Co.,...
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
Interrupt controller
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
Interrupt controller
logo
STMicroelectronics
ST7LITEUS2 STMICROELECTRONICS-ST7LITEUS2 Datasheet
1Mb / 136P
Interrupt management
06-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com