Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042K4 Datasheet (PDF) - STMicroelectronics

STM32F042K4 Datasheet PDF - STMicroelectronics
Part # STM32F042K4
Download  STM32F042K4 Download
File Size   1908.92 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F042K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F042K4 Datasheet PDF - STMicroelectronics

Part # STM32F042K4
Download  STM32F042K4 Click to download

File Size   1908.92 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset and power management

STM32F042K4 Datasheet (HTML) - STMicroelectronics


STM32F042K4 Product details

Features
■ Core: ARM® 32-bit Cortex®-M0 CPU, frequency up to 48 MHz
■ Memories – 16 to 32 Kbytes of Flash memory – 6 Kbytes of SRAM with HW parity
■ CRC calculation unit
■ Reset and power management – Digital and I/Os supply: VDD = 2 V to 3.6 V – Analog supply: VDDA = from VDD to 3.6 V – Selected I/Os: VDDIO2 = 1.65 V to 3.6 V – Power-on/Power down reset (POR/PDR) – Programmable voltage detector (PVD) – Low power modes: Sleep, Stop, Standby – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC with x6 PLL option – Internal 40 kHz RC oscillator – Internal 48 MHz oscillator with automatic trimming based on ext. synchronization
■ Up to 38 fast I/Os – All mappable on external interrupt vectors – Up to 24 I/Os with 5 V tolerant capability and 8 with independent supply VDDIO2
■ 5-channel DMA controller
■ One 12-bit, 1.0 µs ADC (up to 10 channels) – Conversion range: 0 to 3.6 V – Separate analog supply: 2.4 V to 3.6 V
■ Up to 14 capacitive sensing channels for touchkey, linear and rotary touch sensors
■ Calendar RTC with alarm and periodic wakeup from Stop/Standby
■ Nine timers – One 16-bit advanced-control timer for six channel PWM output – One 32-bit and four 16-bit timers, with up to four IC/OC, OCN, usable for IR control decoding – Independent and system watchdog timers – SysTick timer
■ Communication interfaces – One I2C interface supporting Fast Mode Plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus and wakeup – Two USARTs supporting master synchronous SPI and modem control, one with ISO7816 interface, LIN, IrDA, auto baud rate detection and wakeup feature – Two SPIs (18 Mbit/s) with 4 to 16 programmable bit frames, one with I2S interface multiplexed – CAN interface – USB 2.0 full-speed interface, able to run from internal 48 MHz oscillator and with BCD and LPM support
■ HDMI CEC, wakeup on header reception
■ Serial wire debug (SWD)
■ 96-bit unique ID
■ All packages ECOPACK®2




Similar Part No. - STM32F042K4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F048G6 STMICROELECTRONICS-STM32F048G6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F048T6 STMICROELECTRONICS-STM32F048T6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
More results


Similar Description - STM32F042K4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com