Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet (PDF) - STMicroelectronics

DSM2190F4V Datasheet PDF - STMicroelectronics
Part # DSM2190F4V
Download  DSM2190F4V Download
File Size   530.72 Kbytes
Page   61 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)

DSM2190F4V Datasheet (PDF)

Go To PDF Page Download Datasheet
DSM2190F4V Datasheet PDF - STMicroelectronics

Part # DSM2190F4V
Download  DSM2190F4V Click to download

File Size   530.72 Kbytes
Page   61 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)

DSM2190F4V Datasheet (HTML) - STMicroelectronics


DSM2190F4V Product details

SUMMARY DESCRIPTION
The DSM2190F4 is a system memory device for use with the Analog Devices ADSP-2191 DSP.
DSM means Digital signal processor System Memory. A DSM device brings In-System Programmable (ISP) Flash memory, parameter storage, programmable logic, and additional I/O to DSP systems. The result is a simple and flexible two-chip solution for DSP designs. DSM devices provide the flexibility of Flash memory and smart JTAG programming techniques for both manufacturing and the field. On-chip integrated memory decode logic makes it easy to map dual banks of Flash memory to the ADSP-2191 in a variety of ways for bootloading, code execution, data recording, code swapping, and parameter storage.

FEATURES SUMMARY
■ Glueless Connection to DSP
   – Easily add memory, logic, and I/O to the External Port of ADSP-2191 DSP
■ Dual Flash Memories
   – Two independent Flash memory arrays for storing DSP code and data.
      DSP may access the two arrays concurrently (read from one while
      erasing or writing the other)
   – 256K x 8 Main Flash memory divided into 8 sectors (32KByte each)
   – Ample storage for booting DSP code/data
      upon reset and subsequent code swaps
   – Large capacity for data recording
   – 32K x 8 Secondary Flash memory divided into 4
      sectors (8 KByte each). Multiple uses:
   – Small sector size ideal for small data sets,
      and calibration or configuration constants
   – Store custom start-up code in one or more
      sectors and configure DSP to run from external memory upon reset (no boot)
   – Concatenate Secondary Flash with Main
      Flash for total of 288 KBytes
   – Each Flash sector can be write protected.
   – Built-in programmable address decoding logic
      allows mapping individual Flash sectors to any
      address boundary
■ Up to 16 Multifunction I/O Pins
   – Increase total DSP system I/O capability
   – I/O controlled by DSP software or PLD logic
■ General purpose PLD
   – Over 3,000 Gates of PLD with 16 macro cells
   – Use for peripheral glue logic to keypads, control
      panel, displays, LCDs, and other devices
   – Eliminate PLDs and external logic devices
   – Create state machines, chip selects, simple
      shifters and counters, clock dividers, delays
   – Simple PSDsoft ExpressTM software...Free
■ Operating Range
– VCC: 3.3V±10%; Temperature: –40oC to +85oC
■ In-System Programming (ISP) with JTAG
   – Program entire chip in 10-25 seconds with no in
      volvement of the DSP
   – Links with ADSP-2191 JTAG debug port
   – Eliminate sockets for pre-programmed memory
      and logic devices
   – ISP allows efficient manufacturing and product
      testing supporting Just-In-Time inventory
   – Use low-cost FlashLINKTM cable with PC
■ Content Security
   – Programmable Security Bit blocks access of de
      vice programmers and readers
■ Zero-Power Technology
   – As low as 25µA standby current
■ Packaging
   – 52-pin PQFP or 52-pin PLCC
■ Flash Memory Speed, Endurance, Retention
   – 150 ns, 100K cycles, 15 year retention




Similar Part No. - DSM2190F4V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2150F5V-12T6 STMICROELECTRONICS-DSM2150F5V-12T6 Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
17-Dec-2001
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
DSM2180F3-15K6 STMICROELECTRONICS-DSM2180F3-15K6 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
More results


Similar Description - DSM2190F4V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
logo
STMicroelectronics
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
17-Dec-2001
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
STMicroelectronics
DSM2180F3V STMICROELECTRONICS-DSM2180F3V Datasheet
690Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
17-Dec-2001
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
Digital Signal Processor for 2ch Speaker System
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
Digital Signal Processor for TV
logo
STMicroelectronics
DSM2180F3 STMICROELECTRONICS-DSM2180F3_08 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
Digital Image Signal Processor (ISP) for Security Camera System
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com