Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 1 Page - STMicroelectronics

  DSM2190F4V Datasheet HTML 1Page - STMicroelectronics DSM2190F4V Datasheet HTML 2Page - STMicroelectronics DSM2190F4V Datasheet HTML 3Page - STMicroelectronics DSM2190F4V Datasheet HTML 4Page - STMicroelectronics DSM2190F4V Datasheet HTML 5Page - STMicroelectronics DSM2190F4V Datasheet HTML 6Page - STMicroelectronics DSM2190F4V Datasheet HTML 7Page - STMicroelectronics DSM2190F4V Datasheet HTML 8Page - STMicroelectronics DSM2190F4V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
1/61
September 2002
DSM2190F4V
DSM (Digital Signal Processor System Memory)
For Analog Devices ADSP-2191 DSPs (3.3V Supply)
FEATURES SUMMARY
s
Glueless Connection to DSP
– Easily add memory, logic, and I/O to the Exter-
nal Port of ADSP-2191 DSP
s
Dual Flash Memories
– Two independent Flash memory arrays for stor-
ing DSP code and data. DSP may access the
two arrays concurrently (read from one while
erasing or writing the other)
– 256K x 8 Main Flash memory divided into 8 sec-
tors (32KByte each)
– Ample storage for booting DSP code/data
upon reset and subsequent code swaps
– Large capacity for data recording
– 32K x 8 Secondary Flash memory divided into 4
sectors (8 KByte each). Multiple uses:
– Small sector size ideal for small data sets,
and calibration or configuration constants
– Store custom start-up code in one or more
sectors and configure DSP to run from exter-
nal memory upon reset (no boot)
– Concatenate Secondary Flash with Main
Flash for total of 288 KBytes
– Each Flash sector can be write protected.
– Built-in programmable address decoding logic
allows mapping individual Flash sectors to any
address boundary
s
Up to 16 Multifunction I/O Pins
– Increase total DSP system I/O capability
– I/O controlled by DSP software or PLD logic
s
General purpose PLD
– Over 3,000 Gates of PLD with 16 macro cells
– Use for peripheral glue logic to keypads, control
panel, displays, LCDs, and other devices
– Eliminate PLDs and external logic devices
– Create state machines, chip selects, simple
shifters and counters, clock dividers, delays
– Simple PSDsoft ExpressTM software...Free
s
Operating Range
–VCC: 3.3V±10%; Temperature: –40
oC to +85oC
Figure 1. Packages
s
In-System Programming (ISP) with JTAG
– Program entire chip in 10-25 seconds with no in-
volvement of the DSP
– Links with ADSP-2191 JTAG debug port
– Eliminate sockets for pre-programmed memory
and logic devices
– ISP allows efficient manufacturing and product
testing supporting Just-In-Time inventory
– Use low-cost FlashLINKTM cable with PC
s
Content Security
– Programmable Security Bit blocks access of de-
vice programmers and readers
s
Zero-Power Technology
– As low as 25
µA standby current
s
Packaging
– 52-pin PQFP or 52-pin PLCC
s
Flash Memory Speed, Endurance, Retention
– 150 ns, 100K cycles, 15 year retention
PLCC52 (K)
PQFP52 (T)


Similar Part No. - DSM2190F4V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2150F5V-12T6 STMICROELECTRONICS-DSM2150F5V-12T6 Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
17-Dec-2001
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
DSM2180F3-15K6 STMICROELECTRONICS-DSM2180F3-15K6 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
More results

Similar Description - DSM2190F4V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
logo
STMicroelectronics
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
11-Mar-2003
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
17-Dec-2001
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
STMicroelectronics
DSM2180F3V STMICROELECTRONICS-DSM2180F3V Datasheet
690Kb / 63P
DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
17-Dec-2001
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
Digital Signal Processor for 2ch Speaker System
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
Digital Signal Processor for TV
logo
STMicroelectronics
DSM2180F3 STMICROELECTRONICS-DSM2180F3_08 Datasheet
1Mb / 63P
DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
12-Jun-2008
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
Digital Image Signal Processor (ISP) for Security Camera System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com