Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 14 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 10Page - STMicroelectronics DSM2190F4V Datasheet HTML 11Page - STMicroelectronics DSM2190F4V Datasheet HTML 12Page - STMicroelectronics DSM2190F4V Datasheet HTML 13Page - STMicroelectronics DSM2190F4V Datasheet HTML 14Page - STMicroelectronics DSM2190F4V Datasheet HTML 15Page - STMicroelectronics DSM2190F4V Datasheet HTML 16Page - STMicroelectronics DSM2190F4V Datasheet HTML 17Page - STMicroelectronics DSM2190F4V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
DSM2190F4
14/61
SPECIFYING THE MEMORY MAP WITH PSDSOFT EXPRESSTM
The memory map shown in Figure 7 can be easily
implemented using PSDsoft ExpressTM in a point-
and-click environment. PSDsoft ExpressTM will
generate Hardware Definition Language (HDL)
statements of the ABEL language. Figure 8 shows
the resulting equations generated by PSDsoft Ex-
pressTM.
Figure 8. HDL Statements Generated from PSDsoft Express to Implement Memory Map
Specifying these equations using PSDsoft Ex-
pressTM is very simple. Figure 9 shows how to
specify the equation for the 32K Byte Flash mem-
ory segment,
fs2. Notice fs2 is qualified with the
signals BMS. This specification process is repeat-
ed for all other Flash memory segments, the
csiop
register block, and any external chip select signals
that may be needed (ADC, etc.).
Figure 9. PSDsoft ExpressTM Memory Mapping
csiop = ((address >= ^h2000) & (address <= ^h20FF) & (!_ioms));
fs0 = ((address >= ^h10000) & (address <= ^h17FFF) & (!_bms));
fs1 = ((address >= ^h18000) & (address <= ^h1FFFF) & (!_bms));
fs2 = ((address >= ^h20000) & (address <= ^h27FFF) & (!_bms));
fs3 = ((address >= ^h28000) & (address <= ^h2FFFF) & (!_bms));
fs4 = ((address >= ^h30000) & (address <= ^h37FFF) & (!_bms));
fs5 = ((address >= ^h38000) & (address <= ^h3FFFF) & (!_bms));
fs6 = ((address >= ^h40000) & (address <= ^h47FFF) & (!_bms));
fs7 = ((address >= ^h48000) & (address <= ^h4FFFF) & (!_bms));
csboot0 = ((address >= ^h50000) & (address <= ^h51FFF) & (!_bms));
csboot1 = ((address >= ^h52000) & (address <= ^h53FFF) & (!_bms));
csboot2 = ((address >= ^h54000) & (address <= ^h55FFF) & (!_bms));
csboot3 = ((address >= ^h56000) & (address <= ^h57FFF) & (!_bms));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com