Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 16 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 12Page - STMicroelectronics DSM2190F4V Datasheet HTML 13Page - STMicroelectronics DSM2190F4V Datasheet HTML 14Page - STMicroelectronics DSM2190F4V Datasheet HTML 15Page - STMicroelectronics DSM2190F4V Datasheet HTML 16Page - STMicroelectronics DSM2190F4V Datasheet HTML 17Page - STMicroelectronics DSM2190F4V Datasheet HTML 18Page - STMicroelectronics DSM2190F4V Datasheet HTML 19Page - STMicroelectronics DSM2190F4V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
DSM2190F4
16/61
DETAILED OPERATION
Figure 5 shows major functional areas of the de-
vice:
s
Flash Memories
s
PLDs (DPLD, CPLD, Page Register)
s
DSP Bus Interface (Address, Data, Control)
s
I/O Ports
s
Runtime Control Registers
s
JTAG ISP Interface
The following describes these functions in more
detail.
Flash Memories
The Main Flash memory array is divided into eight
equal 32K byte sectors. The Secondary Flash
memory array is divided into four equal 8K byte
sectors. Each sector is selected by the DPLD can
be separately protected from program and erase
cycles. This configuration is specified by using PS-
Dsoft ExpressTM.
Memory Sector Select Signals. The DPLD gen-
erates the Select signals for all the internal memo-
ry blocks (see Figure 14). Each of the twelve
sectors of the Flash memories has a select signal
(
FS0-FS7, or CSBOOT0-CSBOOT3) which con-
tains up to three product terms. Having three prod-
uct terms for each select signal allows a given
sector to be mapped into multiple areas of system
memory if needed.
Ready/Busy (PC3). This signal can be used to
output the Ready/Busy status of the device. The
output on Ready/Busy is a 0 (Busy) when either
Flash memory array is being written,
or when ei-
ther Flash memory array is being erased. The out-
put is a 1 (Ready) when no Write or Erase cycle is
in progress. This signal may be polled by the DSP
or used as a DSP interrupt to indicate when an
erase or program cycle is complete.
Memory Operation. The Flash memories are ac-
cessed through the DSP Address, Data, and Con-
trol Bus Interface.
DSPs and MCUs cannot write to Flash memory as
it would an SRAM device. Flash memory must first
be “unlocked” with a special sequence of byte
write operations to invoke an internal algorithm,
then a single data byte is written to the Flash mem-
ory array, then programming status is checked by
a byte read operation or by checking the Ready/
Busy
pin (PC3). Table 5 lists all of the special in-
struction sequences to program (write) data to the
Flash memory arrays, erase the arrays, and check
for different types of status from the arrays. These
instruction sequences are different combinations
of individual byte write and byte read operations.
IMPORTANT: The DSP may not read and execute
code from the same Flash memory array for which
it is directing an instruction sequence. Or more
simply stated, the DSP may not read code the
same Flash array that is writing or erasing. In-
stead, the DSP must execute code from an alter-
nate memory (like its own internal SRAM or a
different Flash array) while sending instructions to
a given Flash array. Since the two Flash memory
arrays inside the DSM device are completely inde-
pendent, the DSP may read code from one array
while sending instructions to the other.
After a Flash memory array is programmed (writ-
ten) it will go to “Read Array” mode, then the DSP
can read from Flash memory just as if would from
any 8-bit ROM or SRAM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com