Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 25 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 25 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 21Page - STMicroelectronics DSM2190F4V Datasheet HTML 22Page - STMicroelectronics DSM2190F4V Datasheet HTML 23Page - STMicroelectronics DSM2190F4V Datasheet HTML 24Page - STMicroelectronics DSM2190F4V Datasheet HTML 25Page - STMicroelectronics DSM2190F4V Datasheet HTML 26Page - STMicroelectronics DSM2190F4V Datasheet HTML 27Page - STMicroelectronics DSM2190F4V Datasheet HTML 28Page - STMicroelectronics DSM2190F4V Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
25/61
DSM2190F4
DECODE PLD (DPLD)
The DPLD, shown in Figure 14, is used for decod-
ing the address for internal and external compo-
nents. The DPLD can be used to generate the
following decode signals:
s
8 Main Flash memory Sector Select (
FS0-FS7)
signals with three product terms each
s
4 Secondary Flash memory Sector Select
(
CSBOOT0-CSBOOT3) signals with three
product terms each
s
1 internal
csiop select for DSM device control
and status registers (
csiop is the base address
of the block of 256 byte locations)
s
1 JTAG Select signal (enables JTAG operations
on Port C when multiplexing JTAG signals with
general I/O signals)
s
3 external chip select output signals for Port D
pins, each with one product term.
Figure 14. DPLD Logic Array
(INPUTS)
(16)
(8)
(16)
(3)
CNTRL[2:0] (Read/Write Control Signals)
I/O PORTS (PORT A,B,C)
(8)
PG0-PG7
(8)
MCELLAB.FB [7:0] (Feedback)
MCELLBC.FB [7:0] (Feedback)
A[15:0]
(3)
(1)
PD[2:0]
RESET
(1)
RD_BSY
CSIOP
JTAGSEL
ECS0
ECS1
8 Flash Main
Memory
Sector Selects
I/O Decoder
Select
JTAG ISP
FS0
FS7
3
3
3
3
3
3
3
3
1
ECS2
FS1
FS2
FS3
FS6
FS5
FS4
1
1
1
1
External Chip Selects
to PORT D
CSBOOT0
CSBOOT1
CSBOOT2
CSBOOT3
4 Secondary
Flash Memory
Sector Selects
3
3
3
3
AI04958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com