Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 52 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 52 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 48Page - STMicroelectronics DSM2190F4V Datasheet HTML 49Page - STMicroelectronics DSM2190F4V Datasheet HTML 50Page - STMicroelectronics DSM2190F4V Datasheet HTML 51Page - STMicroelectronics DSM2190F4V Datasheet HTML 52Page - STMicroelectronics DSM2190F4V Datasheet HTML 53Page - STMicroelectronics DSM2190F4V Datasheet HTML 54Page - STMicroelectronics DSM2190F4V Datasheet HTML 55Page - STMicroelectronics DSM2190F4V Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
DSM2190F4
52/61
Table 32. Write Timing
Note: 1. Any input used to select an internal PSM function.
2. Assuming data is stable before active write signal.
3. Assuming write is active before data becomes valid.
4. TWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal DSM memory.
Figure 35. Write Timing
Symbol
Parameter
Conditions
-15
Unit
Min
Max
tAVWL
Address Valid to Leading Edge of WR
(Notes 1)
0ns
tSLWL
CS Valid to Leading Edge of WR
0ns
tDVWH
WR Data Setup Time
45
ns
tWHDX
WR Data Hold Time
2
ns
tWLWH
WR Pulse Width
48
ns
tWHAX1
Trailing Edge of WR to Address Invalid
1.75
ns
tWHAX2
Trailing Edge of WR to DPLD Address Invalid
(Note4)
0ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
35
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register Preset/Clear
(Note 3)
70
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Note 2)
70
ns
tAVWL
tSLWL
t WHDX
t WHAX
t WLWH
tDVWH
ADDRESS
VALID
DATA
VALID
ADDRESS
NON-MULTIPLEXED
BUS
DATA
NON-MULTIPLEXED
BUS
CSI
WR
AI04909



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com