Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 5 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 5 Page - STMicroelectronics

  DSM2190F4V Datasheet HTML 1Page - STMicroelectronics DSM2190F4V Datasheet HTML 2Page - STMicroelectronics DSM2190F4V Datasheet HTML 3Page - STMicroelectronics DSM2190F4V Datasheet HTML 4Page - STMicroelectronics DSM2190F4V Datasheet HTML 5Page - STMicroelectronics DSM2190F4V Datasheet HTML 6Page - STMicroelectronics DSM2190F4V Datasheet HTML 7Page - STMicroelectronics DSM2190F4V Datasheet HTML 8Page - STMicroelectronics DSM2190F4V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
5/61
DSM2190F4
The two-chip combination of a DSP and a DSM
device is ideal for systems which have limitations
on size, EMI levels, and power consumption. DSM
memory and logic are “zero-power”, meaning they
automatically go to standby between memory ac-
cesses or logic input changes, producing low ac-
tive and standby current consumption, which is
ideal for battery powered products.
A programmable security bit in the DSM protects
its contents from unauthorized viewing and copy-
ing. When set, the security bit will block access of
programming devices (JTAG or others) to the
DSM Flash memories and PLD configuration. The
only way to defeat the security bit is to erase the
entire DSM device, after which the device is blank
and may be used again. The DSP will always have
access to Flash memory contents through the 8-bit
data port even while the security bit is set.
Table 1. DSM2190F4V DSP Memory System Devices
Table 2. Compatible Analog Devices DSP
Figure 3. PLCC Connections
Figure 4. PQFP Connections
Part Number
Main Flash
Memory
Secondary
Flash
Memory
PLD
I/O
Ports
VCC and I/O
Mem
Speed
Package
Operating
Temp
DSM2190F4VV-
15T6
256KBytes =
8 sectors x
32KByte
32KBytes =
4 sectors x
8KByte
16
macro
-cells
Up to
16
3.3V ±10%
150 ns
52-pin
PQFP
–40oC to
+85oC
DSM2190F4VV-
15K6
256KBytes =
8 sectors x
32KByte
32KBytes =
4 sectors x
8KByte
16
macro
-cells
Up to
16
3.3V ±10%
150 ns
52-pin
PLCC
–40oC to
+85oC
DSP Part Number
Operating Voltage, VCC
I/O Capability
ADSP-2191M
2.5V
2.5 - 3.6V
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
VCC
AD7
AD6
AD5
AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
8
9
10
11
12
13
14
15
16
17
18
19
20
46
45
44
43
42
41
40
39
38
37
36
35
34
AI02857
39 AD15
38 AD14
37 AD13
36 AD12
35 AD11
34 AD10
33 AD9
32 AD8
31 VCC
30 AD7
29 AD6
28 AD5
27 AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
1
2
3
4
5
6
7
8
9
10
11
12
13
AI02858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com