Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 13 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 9Page - STMicroelectronics DSM2190F4V Datasheet HTML 10Page - STMicroelectronics DSM2190F4V Datasheet HTML 11Page - STMicroelectronics DSM2190F4V Datasheet HTML 12Page - STMicroelectronics DSM2190F4V Datasheet HTML 13Page - STMicroelectronics DSM2190F4V Datasheet HTML 14Page - STMicroelectronics DSM2190F4V Datasheet HTML 15Page - STMicroelectronics DSM2190F4V Datasheet HTML 16Page - STMicroelectronics DSM2190F4V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13/61
DSM2190F4
Figure 7. Typical System Memory Map
DSP Boot Memory
Space (BMS)
DSP I/O Memory
Space (IOMS)
csiop
256 CONTROL REGS
18000
1FFFF
20000
27FFF
2FFFF
37FFF
3FFFF
47FFF
4FFFF
28000
30000
38000
40000
48000
17FFF
10000
fs0
32K bytes Main Flash
fs1
32K bytes Main Flash
fs7
32K bytes Main Flash
fs6
32K bytes Main Flash
fs5
32K bytes Main Flash
fs4
32K bytes Main Flash
fs3
32K bytes Main Flash
fs2
32K bytes Main Flash
csboot, 8KB 2nd Flash
csboot, 8KB 2nd Flash
csboot, 8KB 2nd Flash
csboot, 8KB 2nd Flash
50000-51FFF
52000-53FFF
54000-55FFF
56000-57FFF
02000-020FF
AI04962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com