Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2190F4V Datasheet(PDF) 10 Page - STMicroelectronics

Part # DSM2190F4V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2190F4V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DSM2190F4V Datasheet HTML 6Page - STMicroelectronics DSM2190F4V Datasheet HTML 7Page - STMicroelectronics DSM2190F4V Datasheet HTML 8Page - STMicroelectronics DSM2190F4V Datasheet HTML 9Page - STMicroelectronics DSM2190F4V Datasheet HTML 10Page - STMicroelectronics DSM2190F4V Datasheet HTML 11Page - STMicroelectronics DSM2190F4V Datasheet HTML 12Page - STMicroelectronics DSM2190F4V Datasheet HTML 13Page - STMicroelectronics DSM2190F4V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
DSM2190F4
10/61
TYPICAL CONNECTIONS
Figure 6 shows a typical connection scheme.
Many connection possibilities exist since many
DSM pins are multipurpose. This scheme illus-
trates the use of a combined function BSM signal
(functions as BMS and MSx), and many I/O pins. It
also illustrates how to chain the DSM and DSP de-
vices together on the JTAG bus. The JTAG con-
nector definition depends on development and
production environment requirements. A specially
defined connector can be devised to combine the
signals of the FlashLINK and the Analog Devices
emulator. Alternatively, two separate JTAG con-
nectors can be used, one matching the pinout of
FlashLINK and the other matching the emulator pi-
nout.
Keep in mind that signals BMS, IOMS, MSx,
ADDR16, ADDR17, ADDR18 can be connected to
any DSM pin that is a PLD input. I/O pins on Port
B and Port C are more capable (more PLD func-
tions) than Port D pins. It is recommended to use
Port D pins primarily for decode inputs first, leav-
ing pins on Port B and Port C available for general
logic. Figure 6 illustrates a common way to make
connections.
Following are connection options to consider:
Port C JTAG: Figure 6 shows four JTAG signals
(TMS, TCK, TDI, TDO) connected to the DSM. Al-
ternatively, using six-pin JTAG (two more signals,
TSTAT and TERR) can reduce ISP time by as
much as 30% compared to four-pin JTAG. Other
JTAG options include multiplexing JTAG pins with
general I/O (see “Programming In-Circuit using
JTAG ISP” on page 40 and Application Note
AN1153), or not using JTAG at all. If no JTAG is
used, the DSM device has to be programmed on a
conventional programmer before it is installed on
the circuit board. Using no JTAG makes more
DSM I/O available.
Pins PC2 and PD2. If not all 288K address loca-
tions need to be decoded in the DSM, then
ADDR18 on pin PD2 is not needed. In this case,
the IOMS signal can be connected to pin PD2, free-
ing pin PC2 for general I/O usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com