Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet (PDF) - STMicroelectronics

L9658TR Datasheet PDF - STMicroelectronics
Part # L9658TR
Download  L9658TR Download
File Size   577.58 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Analog output available for resistance

L9658TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9658TR Datasheet PDF - STMicroelectronics

Part # L9658TR
Download  L9658TR Click to download

File Size   577.58 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Analog output available for resistance

L9658TR Datasheet (HTML) - STMicroelectronics


L9658TR Product details

Description
L9658 is intended to deploy up to 8 squibs and to interface up to 4 satellites. 2 satellite interfaces can be used to interface Hall sensors. Squib drivers are sized to deploy 1.2 A minimum for 2 ms minimum during load dump and 1.75 A minimum for 1ms minimum during load dump. Diagnostic of squib driver and squib resistance measurement is controlled by micro controller. Satellite interfaces support Manchester decoder with variable bit rate. LQFP64

Features
■ 8 deployment drivers sized to deliver 1.2 A (min) for 2 ms (min) and 1.75 A (min) for 1 ms (min)
■ Independently controlled high-side and low- side MOS for diagnosis
■ Analog output available for resistance
■ Squib short to ground, short to battery and MOS diagnostic available on SPI register
■ Capability to deploy the squib with 1.2 A (min) or 1.75 A under 35 V load-dump condition and the low side MOS is shorted to ground
■ Capability to deploy the squib with 1.2 A (min) at 6.9 V VRES and 1.75 A at 12 V VRES
■ Interface with 4 satellite sensors
■ Programmable independent current trip points for each satellite channel
■ Support Manchester protocol for satellite sensors
■ Supports for variable bit rate detection
■ Independent current limit and fault timer shutdown protection for each satellite output
■ Short to ground and short to battery detection and reporting for each satellite channel
■ 5.5 MHz SPI interface
■ Satellite message error detection
■ Hall effect sensor support on satellite channels 3 and 4.
■ Low voltage internal reset
■ 2 kV ESD capability on all pins




Similar Part No. - L9658TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
SMART QUAD SWITCH
Apr-2001
L9651 STMICROELECTRONICS-L9651 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
L9651 STMICROELECTRONICS-L9651_V01 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
logo
EPCOS
L9653M EPCOS-L9653M Datasheet
84Kb / 7P
IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
Quad squib driver and dual sensor interface ASIC for safety application
12-Nov-2013
More results


Similar Description - L9658TR

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
C0810 IMP-C0810 Datasheet
30Kb / 2P
CMOS 0.8mm High-Resistance Poly for Analog
logo
API Delevan
NSL-19-018 API-NSL-19-018 Datasheet
331Kb / 1P
Passive resistance output
NSL-37V51 API-NSL-37V51 Datasheet
353Kb / 1P
Passive resistance output
NSL-37V81 API-NSL-37V81 Datasheet
352Kb / 1P
Passive resistance output
logo
WAGO Kontakttechnik Gmb...
750-464-020-000 WAGO-750-464-020-000 Datasheet
549Kb / 12P
4-channel analog input; for NTC resistance sensors; Adjustable
750-464 WAGO-750-464 Datasheet
549Kb / 12P
4-channel analog input; for NTC resistance sensors; Adjustable
750-461-000-003 WAGO-750-461-000-003 Datasheet
481Kb / 12P
2-channel analog input; For Pt1000/RTD resistance sensors
753-461 WAGO-753-461 Datasheet
578Kb / 12P
2-channel analog input; For Pt100/RTD resistance sensors
750-461-000-005 WAGO-750-461-000-005 Datasheet
473Kb / 11P
2-channel analog input; For Ni1000/RTD resistance sensors
logo
Greystone Energy System...
GT-ARES GREYSTONE-GT-ARES Datasheet
301Kb / 1P
ANALOG RESISTANCE MODULE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com