Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9658TR Datasheet HTML 1Page - STMicroelectronics L9658TR Datasheet HTML 2Page - STMicroelectronics L9658TR Datasheet HTML 3Page - STMicroelectronics L9658TR Datasheet HTML 4Page - STMicroelectronics L9658TR Datasheet HTML 5Page - STMicroelectronics L9658TR Datasheet HTML 6Page - STMicroelectronics L9658TR Datasheet HTML 7Page - STMicroelectronics L9658TR Datasheet HTML 8Page - STMicroelectronics L9658TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
September 2013
Doc ID 14219 Rev 3
1/64
1
L9658
Octal squib driver and quad sensor interface
ASIC for safety application
Features
■ 8 deployment drivers sized to deliver 1.2 A
(min) for 2 ms (min) and 1.75 A (min) for 1 ms
(min)
■ Independently controlled high-side and low-
side MOS for diagnosis
■ Analog output available for resistance
■ Squib short to ground, short to battery and
MOS diagnostic available on SPI register
■ Capability to deploy the squib with 1.2 A (min)
or 1.75 A under 35 V load-dump condition and
the low side MOS is shorted to ground
■ Capability to deploy the squib with 1.2 A (min)
at 6.9 V VRES and 1.75 A at 12 V VRES
■ Interface with 4 satellite sensors
■ Programmable independent current trip points
for each satellite channel
■ Support Manchester protocol for satellite
sensors
■ Supports for variable bit rate detection
■ Independent current limit and fault timer
shutdown protection for each satellite output
■ Short to ground and short to battery detection
and reporting for each satellite channel
■ 5.5 MHz SPI interface
■ Satellite message error detection
■ Hall effect sensor support on satellite channels
3 and 4.
■ Low voltage internal reset
■ 2 kV ESD capability on all pins
■ Package: 64 leads LQFP
■ Technology: ST proprietary BCD5s (0.57 µm)
Description
L9658 is intended to deploy up to 8 squibs and to
interface up to 4 satellites. 2 satellite interfaces
can be used to interface Hall sensors.
Squib drivers are sized to deploy 1.2 A minimum
for 2 ms minimum during load dump and 1.75 A
minimum for 1ms minimum during load dump.
Diagnostic of squib driver and squib resistance
measurement is controlled by micro controller.
Satellite interfaces support Manchester decoder
with variable bit rate.
LQFP64
Table 1.
Device summary
Order code
Package
Packing
L9658
LQFP64
Tray
L9658TR
LQFP64
Tape and reel
www.st.com


Similar Part No. - L9658TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
SMART QUAD SWITCH
Apr-2001
L9651 STMICROELECTRONICS-L9651 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
L9651 STMICROELECTRONICS-L9651_V01 Datasheet
347Kb / 9P
SMART QUAD SWITCH
Rev 3
logo
EPCOS
L9653M EPCOS-L9653M Datasheet
84Kb / 7P
IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
Quad squib driver and dual sensor interface ASIC for safety application
12-Nov-2013
More results

Similar Description - L9658TR

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
C0810 IMP-C0810 Datasheet
30Kb / 2P
CMOS 0.8mm High-Resistance Poly for Analog
logo
API Delevan
NSL-19-018 API-NSL-19-018 Datasheet
331Kb / 1P
Passive resistance output
NSL-37V51 API-NSL-37V51 Datasheet
353Kb / 1P
Passive resistance output
NSL-37V81 API-NSL-37V81 Datasheet
352Kb / 1P
Passive resistance output
logo
WAGO Kontakttechnik Gmb...
750-464-020-000 WAGO-750-464-020-000 Datasheet
549Kb / 12P
4-channel analog input; for NTC resistance sensors; Adjustable
750-464 WAGO-750-464 Datasheet
549Kb / 12P
4-channel analog input; for NTC resistance sensors; Adjustable
750-461-000-003 WAGO-750-461-000-003 Datasheet
481Kb / 12P
2-channel analog input; For Pt1000/RTD resistance sensors
753-461 WAGO-753-461 Datasheet
578Kb / 12P
2-channel analog input; For Pt100/RTD resistance sensors
750-461-000-005 WAGO-750-461-000-005 Datasheet
473Kb / 11P
2-channel analog input; For Ni1000/RTD resistance sensors
logo
Greystone Energy System...
GT-ARES GREYSTONE-GT-ARES Datasheet
301Kb / 1P
ANALOG RESISTANCE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com