Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 41Page - STMicroelectronics L9658TR Datasheet HTML 42Page - STMicroelectronics L9658TR Datasheet HTML 43Page - STMicroelectronics L9658TR Datasheet HTML 44Page - STMicroelectronics L9658TR Datasheet HTML 45Page - STMicroelectronics L9658TR Datasheet HTML 46Page - STMicroelectronics L9658TR Datasheet HTML 47Page - STMicroelectronics L9658TR Datasheet HTML 48Page - STMicroelectronics L9658TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
45/64
AOUT/Comparator channel select bits (bit D6..4) indicate which channel is being monitored
by AOUT or SBTH, SGTH, VI_TH comparators.
VI_TH threshold status flag (bit D3) indicates the state of VI_TH comparator. VI_TH comparator
monitors the voltage across SQH and SQL pins.
Diagnostic current channel select bits (bit D2..0) indicate which channel is being applied by
the diagnostic current.
4.12.3
Deployment driver status response
Status Response is defined as in following table.
Table 28.
MISO status response definition
Bit
State
Description
D15
1
Mode Bits
D14
1
D13
0
Always 0
D12
0
DEPEN Negated
1
DEPEN Asserted
D11
0
ARM67 Negated
1
ARM67 Asserted
D10
0
ARM45 Negated
1
ARM45 Asserted
D9
0
ARM23 Negated
1
ARM23 Asserted
D8
0
ARM01 Negated
1
ARM01 Asserted
D7
0
No Deployment Event: Channel 7
1
Deploy Status: Channel 7
D6
0
No Deployment Event: Channel 6
1
Deploy Status: Channel 6
D5
0
No Deployment Event: Channel 5
1
Deploy Status: Channel 5
D4
0
No Deployment Event: Channel 4
1
Deploy Status: Channel 4
D3
0
No Deployment Event: Channel 3
1
Deploy Status: Channel 3
D2
0
No Deployment Event: Channel 2
1
Deploy Status: Channel 2
D1
0
No Deployment Event: Channel 1
1
Deploy Status: Channel 1
D0
0
No Deployment Event: Channel 0
1
Deploy Status: Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com