Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 28Page - STMicroelectronics L9658TR Datasheet HTML 29Page - STMicroelectronics L9658TR Datasheet HTML 30Page - STMicroelectronics L9658TR Datasheet HTML 31Page - STMicroelectronics L9658TR Datasheet HTML 32Page - STMicroelectronics L9658TR Datasheet HTML 33Page - STMicroelectronics L9658TR Datasheet HTML 34Page - STMicroelectronics L9658TR Datasheet HTML 35Page - STMicroelectronics L9658TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Functional description
L9658
32/64
Doc ID 14219 Rev 3
4.11
Deployment driver SPI bit definition
The SPI provides access to read/write to the registers internal to the device, which
responses to various deployment driver commands summarized in table below.
L9658 response to the previous command is sent in the next valid CS_D.
4.11.1
Deployment driver MOSI bit definition
MOSI mode bits are defined as shown in below table.
Table 13.
Deployment driver SPI response
Mode bits
MOSI command
Mode bits
MISO response
D15
D14
D15
D14
D13
0
0
Register Mode
0
0
0
Register Mode
0
1
Command Mode
0
1
0
Command Mode
1
0
Diagnostic Mode
1
0
X
Diagnostic Mode
1
1
Monitor Mode
1
1
0
Status Response
X
X
SPI Transmission Fault
1
1
1
SPI Fault Response
Table 14.
MOSI bit layout
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 15.
MOSI mode bits definition
Bit D15
Bit D14
Description
0
0
Register Mode
0
1
Command Mode
1
0
Diagnostic Mode
1
1
Monitor Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com