Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 37Page - STMicroelectronics L9658TR Datasheet HTML 38Page - STMicroelectronics L9658TR Datasheet HTML 39Page - STMicroelectronics L9658TR Datasheet HTML 40Page - STMicroelectronics L9658TR Datasheet HTML 41Page - STMicroelectronics L9658TR Datasheet HTML 42Page - STMicroelectronics L9658TR Datasheet HTML 43Page - STMicroelectronics L9658TR Datasheet HTML 44Page - STMicroelectronics L9658TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
41/64
4.11.7
Deployment driver MISO bit definition
MISO mode bits are defined as below table.
4.11.8
Deployment driver register mode response
Register Mode Response is the default response to the processor. After POR event,
RESETB negated, and loss of GND, the device send $0000 in MISO for the first SPI
transmission. Register Mode Response is defined as shown in the following table.
Table 22.
MISO bit layout
MSB
LSB
D15
D14
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 23.
MISO mode bits definition
Bit D15
Bit D14
Description
0
0
Register mode response
0
1
Command mode response
1
0
Diagnostic mode response
1
1
Status response/SPI fault response
Table 24.
MISO register mode response definition
Bit
State
Description
D15
0
Mode Bits
D14
0
D13
0
Don’t Care
D12
-
Echo of MOSI Read/Write Bit
D11
0
Pulse Stretch Timer Duration
1
Soft Reset Sequence
D10
0
Deployment Condition: IDEPLOY_12A and tDEPLOY_2ms
1
Deployment Condition: IDEPLOY_175A and tDEPLOY_1ms
D9
-
Pulse Stretch timer (see Table 17)
D8
-
D7
0
Don’t Care
D6
0
Don’t Care
D5
0
Don’t Care
D4
0
Don’t Care
D3
0
Don’t Care
D2
0
Don’t Care
D1
-
Hard Reset Status
D0
-
Soft Reset Sequence Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com