Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 21Page - STMicroelectronics L9658TR Datasheet HTML 22Page - STMicroelectronics L9658TR Datasheet HTML 23Page - STMicroelectronics L9658TR Datasheet HTML 24Page - STMicroelectronics L9658TR Datasheet HTML 25Page - STMicroelectronics L9658TR Datasheet HTML 26Page - STMicroelectronics L9658TR Datasheet HTML 27Page - STMicroelectronics L9658TR Datasheet HTML 28Page - STMicroelectronics L9658TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
25/64
During the deployment, L9658 turn on the respective high (SQH) and low side (SQL) drivers
for tDEPLOY. Once deployment is initiated it can not be terminated. When a channel is in
deployment, this particular channel shall only act upon certain SPI messages. These SPI
messages and their responses are summarized in below table. The rest of the channels
shall resume their operations and respond to specific SPI commands.
During a deployment, the device ignores arming commands. and does not refresh or
terminate the pulse stretch timer when it receives an arming command.
4.10
DEPEN
DEPEN is a deployment enable input, which is an active high input. When this pin is
asserted, L9658 is able to turn on its high and low side drivers upon receiving a valid
deployment command or a MOS diagnostic request. DEPEN can not interrupt a deployment
that is already in-progress.
When DEPEN is negated, it inhibits the low side and the high side MOS from turning on
(inhibit the deployment). When a MOS diagnostic is requested, the device executes the
diagnostic even without the ability to turn on the MOS. It set the proper SPI threshold bits.
SPI remains functional while this pin is pulled low.
When DEPEN is negated, SPI deploy command is prevented from initiating the pulse stretch
timer. Regardless of DEPEN, SPI deploy command status bits reports the state of SPI
deploy command bits sent in the previous SPI transfer. This feature is required so that the
processor can diagnose SPI deploy command bits with DEPEN negated.
Regardless of DEPEN, arming signal is able to initiate the pulse stretch timer. This feature
will be used for the processor to diagnose the arming signal.
When the pulse stretch timer has been running, changes in the state of DEPEN does not
affect the pulse stretch timer. The pulse stretch timer is not affected regardless of the pulse
stretch timer being started by an arming signal or a SPI deploy command.
A de-glitch timer is provided to DEPEN pin. The timer protects this pin against spurious
glitches. The device neglects DEPEN signal if it is asserted/negated for shorter than
tGLITCH.
Table 12.
SPI transmission during a deployment
SPI MOSI
SPI MISO(1)
1.
SPI MISO sent in the next SPI transmission.
Notes
Register mode
SPI fault response
MOSI register mode message shall be ignored
Command mode
Command mode
Execute for channels not in deployment; no effect
to deploying channel
Diagnostic mode
SPI fault response
MOSI diagnostic mode message shall be ignored
Monitor mode
Status response
Execute for all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com