Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 5Page - STMicroelectronics L9658TR Datasheet HTML 6Page - STMicroelectronics L9658TR Datasheet HTML 7Page - STMicroelectronics L9658TR Datasheet HTML 8Page - STMicroelectronics L9658TR Datasheet HTML 9Page - STMicroelectronics L9658TR Datasheet HTML 10Page - STMicroelectronics L9658TR Datasheet HTML 11Page - STMicroelectronics L9658TR Datasheet HTML 12Page - STMicroelectronics L9658TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
L9658
Pin description
Doc ID 14219 Rev 3
9/64
2.1
Thermal data
36
NC
No Connect
-
-
37
TEST
Test pin
Input
Pull-down
38
V8BUCK
Supply voltage for satellite interface and resistance
measurement
Input
-
39
NC
No Connect
-
-
40
ICH4
Current sense output for channel 4
Output
Hi-Z
41
ICH3
Current sense output for channel 3
Output
Hi-Z
42
ICH2
Current sense output for channel 2
Output
Hi-Z
43
ICH1
Current sense output for channel 1
Output
Hi-Z
44
NC
No connect
-
-
45
IREF
External current reference resistor
Output
-
46
AOUT_GND Ground reference for AOUT
-
-
47
AOUT
Analog output for loop diagnostics
Output
Hi-Z
48
NC
No Connect
-
-
49
GND3
Power ground for loop channel 3
-
-
50
SQL3
Low side driver output for channel 3
Output
Pull-down
51
SQH3
High side driver output for channel 3
Output
Hi-Z
52
VRES3
Reserve voltage for loop channel 3
Input
-
53
VRES2
Reserve voltage for loop channel 2
Input
-
54
SQH2
High side driver output for channel 2
Output
Hi-Z
55
SQL2
Low side driver output for channel 2
Output
Pull-down
56
GND2
Power ground for loop channel 2
-
-
57
GND1
Power ground for loop channel 1
-
-
58
SQL1
Low side driver output for channel 1
Output
Pull-down
59
SQH1
High Side Driver Output for Channel 1
Output
Hi-Z
60
VRES1
Reserve voltage for loop channel 1
Input
-
61
VRES0
Reserve voltage for loop channel 0
Input
-
62
SQH0
High side driver output for channel 0
Output
Hi-Z
63
SQL0
Low side driver output for channel 0
Output
Pull-down
64
GND0
Power ground for loop channel 0
-
-
Table 2.
Pin function (continued)
Pin #
Pin name
Description
I/O type
Reset state
Table 3.
Thermal Data
Symbol
Parameter
Value.
Unit
Rth j-amb
Thermal resistance junction-to-ambient
68
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com